Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS6642-50GZTB Arkusz danych(PDF) 3 Page - Silicon Standard Corp.

Numer części SS6642-50GZTB
Szczegółowy opis  3-Pin Simple Step-Up DC/DC Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SSC [Silicon Standard Corp.]
Strona internetowa  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6642-50GZTB Arkusz danych(HTML) 3 Page - Silicon Standard Corp.

  SS6642-50GZTB Datasheet HTML 1Page - Silicon Standard Corp. SS6642-50GZTB Datasheet HTML 2Page - Silicon Standard Corp. SS6642-50GZTB Datasheet HTML 3Page - Silicon Standard Corp. SS6642-50GZTB Datasheet HTML 4Page - Silicon Standard Corp. SS6642-50GZTB Datasheet HTML 5Page - Silicon Standard Corp. SS6642-50GZTB Datasheet HTML 6Page - Silicon Standard Corp. SS6642-50GZTB Datasheet HTML 7Page - Silicon Standard Corp. SS6642-50GZTB Datasheet HTML 8Page - Silicon Standard Corp. SS6642-50GZTB Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.SiliconStandard.com
3 of 22
SS6642G
1/15/2005 Rev.2.10
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VOUT pin)
.6V
SW pin Voltage
6V
SW pin Switch Current
0.6A
Operating Temperature Range
-40°C to 85°C
Maximum Junction Temperature
125°C
Storage Temperature Range
-65°C to 150°C
Lead Temperature (Soldering 10 Sec.)
260°C
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
TEST CIRCUIT
D1
SS12
VOUT
SW
GND
SS6642-xxG
C2
22
µF
+
VOUT
L1
100
µH
VIN
+
C1
47
µF
IIN
VS
VSW
SS6642
VOUT
SW
GND
IS
Fig. 1 Test Circuit 1
Fig. 2 Test Circuit 2
FOSC
SS6642
VS
VOUT
SW
GND
100
W
Fig. 3 Test Circuit 3


Podobny numer części - SS6642-50GZTB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
SS6642 SENSITRON-SS6642 Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
SS6642U SENSITRON-SS6642U Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
SS6642US SENSITRON-SS6642US Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
More results

Podobny opis - SS6642-50GZTB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Standard Corp.
SS6638G SSC-SS6638G Datasheet
909Kb / 19P
   Simple 3-Pin Step-Up DC/DC Converter
logo
Power Analog Micoelectr...
PAM2400 PAM-PAM2400 Datasheet
203Kb / 14P
   3-Pin Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
   3-Pin One-Cell Step-Up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com