Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS6735-20GETR Arkusz danych(PDF) 9 Page - Silicon Standard Corp.

Numer części SS6735-20GETR
Szczegółowy opis  500mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SSC [Silicon Standard Corp.]
Strona internetowa  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6735-20GETR Arkusz danych(HTML) 9 Page - Silicon Standard Corp.

  SS6735-20GETR Datasheet HTML 1Page - Silicon Standard Corp. SS6735-20GETR Datasheet HTML 2Page - Silicon Standard Corp. SS6735-20GETR Datasheet HTML 3Page - Silicon Standard Corp. SS6735-20GETR Datasheet HTML 4Page - Silicon Standard Corp. SS6735-20GETR Datasheet HTML 5Page - Silicon Standard Corp. SS6735-20GETR Datasheet HTML 6Page - Silicon Standard Corp. SS6735-20GETR Datasheet HTML 7Page - Silicon Standard Corp. SS6735-20GETR Datasheet HTML 8Page - Silicon Standard Corp. SS6735-20GETR Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
www.SiliconStandard.com
9 of 9
SS6735G
1/15/2005 Rev.2.10
3.30
1.55
0.90
6.70
6.30
0.23
2.90
0.66
0.02
E1
θ
L
e1
e
b2
D
E
c
b
A2
A1
3.70
2.30 BSC
4.60 BSC
1.65
7.30
6.70
0.33
3.10
0.84
0.10
MIN.
S
Y
M
B
O
L
A1
1.80
MAX.
SOT-223
MILLIMETERS
b
WITH PLATING
SEATING PLANE
GAUGE PLANE
BASE METAL
SECTION A-A
D
e1
e
AA
b2
SEE VIEW B
SOT-223
VIEW B
L
SOT-89
A
C
e1
e
D
D1
0.36
3.94
2.29
1.50
4.40
0.35
0.44
e1
H
D
E
e
D1
C
B1
B
3.00 BSC
4.25
0.48
2.60
1.83
4.60
0.44
0.56
1.50 BSC
1.40
MIN.
S
Y
M
B
O
L
A
1.60
MAX.
SOT-89
MILLIMETERS
0.89
L
1.20
B
B1


Podobny numer części - SS6735-20GETR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-18CQTR SSC-SS6730-18CQTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-18CVTR SSC-SS6730-18CVTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-285CQTR SSC-SS6730-285CQTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-285CVTR SSC-SS6730-285CVTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
More results

Podobny opis - SS6735-20GETR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com