Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS6782GNTB Arkusz danych(PDF) 9 Page - Silicon Standard Corp.

Numer części SS6782GNTB
Szczegółowy opis  Charge Controller for Dual Batteries
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SSC [Silicon Standard Corp.]
Strona internetowa  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6782GNTB Arkusz danych(HTML) 9 Page - Silicon Standard Corp.

Back Button SS6782GNTB Datasheet HTML 5Page - Silicon Standard Corp. SS6782GNTB Datasheet HTML 6Page - Silicon Standard Corp. SS6782GNTB Datasheet HTML 7Page - Silicon Standard Corp. SS6782GNTB Datasheet HTML 8Page - Silicon Standard Corp. SS6782GNTB Datasheet HTML 9Page - Silicon Standard Corp. SS6782GNTB Datasheet HTML 10Page - Silicon Standard Corp. SS6782GNTB Datasheet HTML 11Page - Silicon Standard Corp. SS6782GNTB Datasheet HTML 12Page - Silicon Standard Corp. SS6782GNTB Datasheet HTML 13Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.SiliconStandard.com
9 of 19
SS6782G
9/21/2005 Rev.3.01
PIN 14: SEL2
- Tri-level inputs, which jointly
control the LED display mode
and the duty of trickle charge
after the completion of fast
charge.
PIN 9: ATS
- The battery cell temperature of
pack A is represented as a voltage
input to the SS6782G on this pin.
T
he acceptable voltage range of
the ATS pin is 0.29Vcc to 0.72Vcc.
PIN 15: SEL1
- The same as pin 14.
PIN 10: LEA1 - Open-draind outputs used to
indicate the charging status of
the battery pack A.
PIN 16: GND
- Power ground.
PIN 17: LEB1
- Open-drain outputs used to
indicate the charging status of
battery pack B
PIN 11: LEA2 - The same as pin 10.
PIN 12: ICOA - Open-drain output, used to
control the charging current of
the battery pack A.
PIN 18: LEB2
- The same as pin 17.
PIN 19: ICOB
- Open-drain output, used to
control the charging current of
the battery pack B.
PIN 13: MODE - Determines the operating mode
of
the SS6782G.
PIN 20: DSW
- Controls the function of
dis
charge-before-charge of the
battery pack B.
(See discharge-
before-charge
subsection in the application
information section).
APPLICATION INFORMATION
OPERATION
Power-on and Battery Pre-qualification
The SS6782G is a sequential charger, initiating
charging on either battery pack A or B.
When power is first applied to the SS6782G, all
internal digital circuits of the SS6782G are reset
by the internal power-on-reset circuitry, and the
out
put of LED‘s (depending on the setting of
SEL1
and SEL2 pins) flash 3 times to indicate the
ini
tiation of power-on. If both battery pack A and
B
are present when V CC is applied to the SS6782G,
the charging action begins with battery pack A
if
conditions are acceptable.
The c
ondition of battery pack A is examined
through the ATS and ABV pins, while battery
pack B is examined through the BTS and BBV
pins. The acceptable limits of ABV and BBV are
determined by the input voltage of SEL3 pin
and the acceptable temperature sense voltage
window for ATS and BTS of 0.29Vcc to 0.72Vcc.
The SS6782G controls initiation of the charging
action and checks for acceptable battery volt-
age and temperature prior to fast charging. If
the voltage of ABV or BBV does not fall within the
predetermined acceptable limits, the corre-
sponding battery pack enters a charging-
suspended mode. If the voltage of ATS or BTS
is outside the 0.29VCC to 0.72VCC window, the


Podobny numer części - SS6782GNTB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Standard Corp.
SS6781A SSC-SS6781A Datasheet
844Kb / 18P
   Battery Charger Controller
SS6781ACNTB SSC-SS6781ACNTB Datasheet
844Kb / 18P
   Battery Charger Controller
SS6781ACNTR SSC-SS6781ACNTR Datasheet
844Kb / 18P
   Battery Charger Controller
SS6781ACSTB SSC-SS6781ACSTB Datasheet
844Kb / 18P
   Battery Charger Controller
SS6781ACSTR SSC-SS6781ACSTR Datasheet
844Kb / 18P
   Battery Charger Controller
More results

Podobny opis - SS6782GNTB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
BP24450 TI1-BP24450 Datasheet
891Kb / 22P
[Old version datasheet]   INTEGRATED CHARGE CONTROLLER FOR LEAD-ACID BATTERIES
BQ24450 TI-BQ24450 Datasheet
867Kb / 20P
[Old version datasheet]   INTEGRATED CHARGE CONTROLLER FOR LEAD-ACID BATTERIES
logo
TEMIC Semiconductors
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
   Fast Charge Controller for NiCd/NiMH Batteries
U2405B TEMIC-U2405B Datasheet
312Kb / 17P
   Fast Charge Controller for Drained NiCd/NiMH Batteries
logo
Galaxy Power, Inc.
ICS1712 GALAXY-ICS1712 Datasheet
635Kb / 28P
   Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
List of Unclassifed Man...
ICS1700A ETC-ICS1700A Datasheet
204Kb / 24P
   QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1702 ETC-ICS1702 Datasheet
466Kb / 28P
   QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Galaxy Power, Inc.
ICS1722 GALAXY-ICS1722 Datasheet
207Kb / 24P
   QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Renesas Technology Corp
M62253AGP RENESAS-M62253AGP Datasheet
4Mb / 11P
   Charge Control IC for Li-Ion Batteries
M62253BGP RENESAS-M62253BGP Datasheet
257Kb / 13P
   Charge Control IC for Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com