Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS6821-ACVTR Arkusz danych(PDF) 8 Page - Silicon Standard Corp.

Numer części SS6821-ACVTR
Szczegółowy opis  Single-Cell Lithium-Ion Battery Protection IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SSC [Silicon Standard Corp.]
Strona internetowa  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6821-ACVTR Arkusz danych(HTML) 8 Page - Silicon Standard Corp.

Back Button SS6821-ACVTR Datasheet HTML 2Page - Silicon Standard Corp. SS6821-ACVTR Datasheet HTML 3Page - Silicon Standard Corp. SS6821-ACVTR Datasheet HTML 4Page - Silicon Standard Corp. SS6821-ACVTR Datasheet HTML 5Page - Silicon Standard Corp. SS6821-ACVTR Datasheet HTML 6Page - Silicon Standard Corp. SS6821-ACVTR Datasheet HTML 7Page - Silicon Standard Corp. SS6821-ACVTR Datasheet HTML 8Page - Silicon Standard Corp. SS6821-ACVTR Datasheet HTML 9Page - Silicon Standard Corp. SS6821-ACVTR Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.SiliconStandard.com
8 of 10
SS6821
DESIGN GUIDE
Selection of external control MOSFETs
Because the over-current protection voltage is
pre-set, the threshold current for over-current
detection is determined by the on-resistance of
the discharge control MOSFET M1. The
required on-resistance of the external control
MOSFETs can be determined by the equation:
RON=VOIP/ (2 x IT) (IT is the over-current
threshold current). For example, if the over-
current threshold current IT is designed to be
3A, the on-resistance of the external control
MOSFETs must be 33m
Ω. Users should be
aware that on-resistance of the MOSFET
changes with temperature variation due to heat
dissipation.
It
changes
with
the
voltage
between gate and source as well. (On-
resistance of a MOSFET increases as the
voltage between gate and source decreases).
Once the on-resistance of the external MOSFET
changes, the over-current threshold current will
change accordingly.
Suppressing the ripple and disturbance
from the charger
To suppress the ripple and disturbance from the
charger, connecting R1, C1 to the VCC pin is
recommended.
Protection at CS pin
R2 is used for latch-up protection when the
charger is connected under an over-discharge
condition,
and
over-stress
protection
for
accidental reverse-connection of the charger. A
larger value of R2 reduces the charger leakage
current in over-charge mode, but may possibly
disable the charge detection function after over-
discharge. A resistance value of 100K
Ω is
recommended.
12/6/2004 Rev.2.02


Podobny numer części - SS6821-ACVTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SS6821 ETC1-SS6821 Datasheet
151Kb / 10P
   Single-cell Lithium-lon Battery Protection IC
SS6821A ETC1-SS6821A Datasheet
151Kb / 10P
   Single-cell Lithium-lon Battery Protection IC
SS6821ACV ETC1-SS6821ACV Datasheet
151Kb / 10P
   Single-cell Lithium-lon Battery Protection IC
SS6821ACVTR ETC1-SS6821ACVTR Datasheet
151Kb / 10P
   Single-cell Lithium-lon Battery Protection IC
SS6821B ETC1-SS6821B Datasheet
151Kb / 10P
   Single-cell Lithium-lon Battery Protection IC
More results

Podobny opis - SS6821-ACVTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
   Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
Texas Instruments
UCC3952- TI-UCC3952- Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
logo
Analog Intergrations Co...
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
   ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6803 SSC-SS6803 Datasheet
354Kb / 12P
   Three-cell Lithium-Ion Battery Protection IC
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
   Three-Cell Lithium-Ion Battery Protection IC
logo
HYCON Technology Corpor...
HY2115 HYCON-HY2115 Datasheet
1Mb / 27P
   1-cell lithium ion/lithium polymer battery protection IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com