Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS8000GQTR Arkusz danych(PDF) 3 Page - Silicon Standard Corp.

Numer części SS8000GQTR
Szczegółowy opis  GSM Power-Management System
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SSC [Silicon Standard Corp.]
Strona internetowa  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8000GQTR Arkusz danych(HTML) 3 Page - Silicon Standard Corp.

  SS8000GQTR Datasheet HTML 1Page - Silicon Standard Corp. SS8000GQTR Datasheet HTML 2Page - Silicon Standard Corp. SS8000GQTR Datasheet HTML 3Page - Silicon Standard Corp. SS8000GQTR Datasheet HTML 4Page - Silicon Standard Corp. SS8000GQTR Datasheet HTML 5Page - Silicon Standard Corp. SS8000GQTR Datasheet HTML 6Page - Silicon Standard Corp. SS8000GQTR Datasheet HTML 7Page - Silicon Standard Corp. SS8000GQTR Datasheet HTML 8Page - Silicon Standard Corp. SS8000GQTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.SiliconStandard.com
3 of 14
SS8000G
ELECTRICAL CHARACTERISTICS
(Vbat = 3V-5.5V, CVa=10µF, CVcore =CVm=4.7
µF, CVrtc=0.22µF, CVref=CVtcxo=CVsim=CVio=1µF, minimum loads applied on all
outputs, unless otherwise noted. Typical values are at TA=+25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Controller
Battery Input Voltage Range
3
5.5
V
Charger Input Voltage Range
15
V
Shutdown Supply Current
Vbat<2.5V
2.5V<Vbat<3.2V
3.2V<Vbat
5
30
45
20
55
80
µA
Operation Ground Current
All Output on
Vtcxo off, all others on
Va, Vtcxo off, all others on
187
148
108
500
200
150
µA
UVLO on Threshold
Vbat
3.15
3.18
3.2
V
UVLO Hysteresis
Vbat
200
mV
Deep Discharging Lockout on Threshold
2.6
V
Deep Discharging Lockout Hysteresis
100
mV
Thermal Shutdown Threshold
165
°C
Thermal Shutdown Hysteresis
25
°C
LDO Enable Response Time
250
µs
Power Key Input High Voltage
PWRKEY
0.7xVbat
V
Power Key Input Low Voltage
PWRKEY
0.3xVbat
V
PWRBB Input High Voltage
PWRBB
1
PWRBB Input Low Voltage
PWRBB
0.2
Control Input High Voltage
2
V
Control Input Low Voltage
VMSEL,SIMSEL,SIMVCC,SRCLKEN,VASEL,
BATUSE,LEDEN,VIBRATOREN,ALERTEREN
0.5
V
Digital Core Voltage LDO (Vcore)
Output Voltage
1.7
1.8
1.9
V
Output Short Current Limit
430
mA
Load Regulation
0.05mA < I_load< 200mA
1.3
10
mV
Line Regulation
3.2V < Vbat < 5.5V
3.3
5
mV
Digital IO Voltage LDO (Vio)
Output Voltage
2.7
2.8
2.9
V
Output Short Current Limit
275
mA
Load Regulation
0.05mA<I_load<100mA at Vbat=3.6V
3
10
mV
Line Regulation
3.2V<Vbat<5.5V
4.6
5
mV
Analog Voltage LDO (Va)
Output Voltage
2.7
2.8
2.9
V
Output Short Current Limit
400
mA
Load Regulation
0.05mA<I_load<150mA at Vbat=3.6V
3.3
10
mV
Line Regulation
3.2V<Vbat<5.5V
0.4
5
mV
Output Noise Voltage
Frequency from 10Hz to 100kHz
50
µVrms
Ripple Rejection
Frequency from 10Hz to 3kHz
Frequency from 3kHz to 1MHz
65
40
dB
VTCXO Voltage LDO (Vtcxo)
Output Voltage
2.7
2.8
2.9
V
Output Short Current Limit
45
mA
Load Regulation
0.05mA<I_load<20mA at Vbat=3.6V
0.1
2
mV
Line Regulation
3.2V<Vbat<5.5V
0.4
3
mV
Output Noise Voltage
Frequency from 10Hz to 100kHz
50
µVrms
Ripple Rejection
Frequency from 10Hz to 3kHz
Frequency from 3kHz to 1MHz
65
40
dB
12/06/2004 Rev.2.10


Podobny numer części - SS8000GQTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Standard Corp.
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
   Rail-to-Rail I/O Op. Amp.
SS8012GTR SSC-SS8012GTR Datasheet
720Kb / 6P
   Rail-to-Rail I/O Op. Amp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
SS8014-15GTR SSC-SS8014-15GTR Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
SS8014-18GTR SSC-SS8014-18GTR Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
More results

Podobny opis - SS8000GQTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3401 AD-ADP3401 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3522 AD-ADP3522 Datasheet
467Kb / 20P
   GSM Power Management System
REV. 0
ADP3404 AD-ADP3404_15 Datasheet
145Kb / 12P
   GSM Power Management System
REV. 0
ADP3405 AD-ADP3405_15 Datasheet
148Kb / 12P
   GSM Power Management System
REV. 0
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3408 AD-ADP3408 Datasheet
206Kb / 16P
   GSM Power Management System
REV. 0
ADP3401 AD-ADP3401_15 Datasheet
285Kb / 12P
   GSM Power Management System
REV. 0
ADP3408 AD-ADP3408_15 Datasheet
1,019Kb / 20P
   GSM Power Management System
REV. A
ADP3405 AD-ADP3405 Datasheet
152Kb / 12P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com