Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS8051T12TB Arkusz danych(PDF) 8 Page - Silicon Standard Corp.

Numer części SS8051T12TB
Szczegółowy opis  Micro-Power Step-up DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SSC [Silicon Standard Corp.]
Strona internetowa  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8051T12TB Arkusz danych(HTML) 8 Page - Silicon Standard Corp.

  SS8051T12TB Datasheet HTML 1Page - Silicon Standard Corp. SS8051T12TB Datasheet HTML 2Page - Silicon Standard Corp. SS8051T12TB Datasheet HTML 3Page - Silicon Standard Corp. SS8051T12TB Datasheet HTML 4Page - Silicon Standard Corp. SS8051T12TB Datasheet HTML 5Page - Silicon Standard Corp. SS8051T12TB Datasheet HTML 6Page - Silicon Standard Corp. SS8051T12TB Datasheet HTML 7Page - Silicon Standard Corp. SS8051T12TB Datasheet HTML 8Page - Silicon Standard Corp. SS8051T12TB Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.SiliconStandard.com
3 of 4
SS8051
Rev.2.01 6/06/2003
minimize the output ripple voltage, but proper
selection of the inductor and the output capacitor also
plays a big role. If a larger inductance value or a
smaller capacitance value is used, the output ripple
voltage will increase because the capacitor will be
slightly overcharged each burst cycle. To reduce the
output ripple, increase the output capacitance value,
or add a 10pF feed-forward capacitor in the feedback
network of the SS8051 (see the circuits in the
Typical Applications section). To add this small
inexpensive 10pF capacitor will greatly reduce the
output voltage ripple.
TYPICAL APPLICATION CIRCUITS
Boost Converter
SEPIC Converter
VCC
SW
SHDN
FB
GND
C2
22µF
C1
4.7µF
R2
120k
V
IN
2.5V to 4.2V
R1
390k
5V
50mA
D1
VCC
SW
SHDN
FB
GND
C2
22µF
C1
4.7µF
R2
270k
V
IN
2.5V to 4.2V
R1
470k
3.3V
60mA
1
L2
10µH
D1
VCC
SW
SHDN
FB
GND
C2
22µF
C1
4.7µF
V
IN
5V
50mA
D1
GND
C2
22µF
C1
4.7µF
V
IN
2.5V to 4.2V
3.3V
60mA
L1:MURATA LQH3C4R7M24
D1:MOTOROLA MBR0520
L1,L2:MURATA LQH3C100K24
D1:MOTOROLA MBR0520
L2
10µH
D1
C3
1uF
L1
10uH
L1
4.7uH
White LED Driver
R1
30_1%
R2
120k_1%
Dimming Ratio>50:1
R3
308k 1%
R4
660k 1%
VBIAS(+3.3V)
PWM Dim
PWM Dimming Control
VH=3.3V
VL=0V
Freq=160~240Hz
D2(Optional)
27V
C2
1µF
D1
MBR0530
L1
10uh/0.5A
SW
VCC
SS8051
SHDN
FB
GND
VBAT
2.5V~5.5V
C1
4.7µF
ON/OFF Control
R1
30_1%
R2
120k_1%
Drive 2~8 White LEDs
VBIAS(+3.3V)
PWM Dim
PWM Dimming Control
VH=3.3V
VL=0V
Freq=160~240Hz
D2(Optional)
27V
C2
1µF
D1
MBR0530
SW
VCC
GND
VBAT
2.5V~5.5V
C1
4.7µF


Podobny numer części - SS8051T12TB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
199Kb / 6P
   NPN Epitaxial Silicon Transistor
November 2014
logo
Wing Shing Computer Com...
SS8050 WINGS-SS8050 Datasheet
58Kb / 1P
   TRANSISTOR (NPN)
logo
MAKO SEMICONDUCTOR CO.,...
SS8050 MAKOSEMI-SS8050 Datasheet
82Kb / 2P
   Complimentary to SS8550
logo
Microdiode Electronics ...
SS8050 CHENDA-SS8050 Datasheet
923Kb / 3P
   NPN Silicon Epitaxial Planar Transistors
logo
Nanjing International G...
SS8050 DGNJDZ-SS8050 Datasheet
1Mb / 4P
   SOT-323 Plastic-Encapsulate Transistors
More results

Podobny opis - SS8051T12TB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Aimtron Technology
AT1309 AIMTRON-AT1309 Datasheet
287Kb / 14P
   Micro-Power Step up DC-DC Converter
logo
Global Mixed-mode Techn...
AT1308A GMT-AT1308A Datasheet
73Kb / 1P
   Micro-Power Step up DC-DC Converter
logo
Diodes Incorporated
AP3015 DIODES-AP3015 Datasheet
566Kb / 11P
   MICRO POWER STEP-UP DC-DC CONVERTER
Rev. 1 - 4 May 2010
logo
ACE Technology Co., LTD...
ACE707A ACE-ACE707A Datasheet
194Kb / 9P
   Micro Power Step-up DC-DC Converter
VER 1.2
logo
Silicon Standard Corp.
SS8028 SSC-SS8028 Datasheet
154Kb / 9P
   Micro-Power Step-up DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3015 BCDSEMI-AP3015 Datasheet
202Kb / 11P
   MICRO POWER STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AT1308 ETC1-AT1308 Datasheet
377Kb / 15P
   Preliminary Product Information Micro-Power Step up DC-DC Converter
logo
Leshan Radio Company
LR8304 LRC-LR8304 Datasheet
582Kb / 13P
   Low Power DC-DC Step-Up Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com