Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW3.5-4S2 Arkusz danych(PDF) 2 Page - Ferroxcube International Holding B.V.

Numer części BDW3.5-4S2
Szczegółowy opis  EMI-suppression beads on wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FERROXCUBE [Ferroxcube International Holding B.V.]
Strona internetowa  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

BDW3.5-4S2 Arkusz danych(HTML) 2 Page - Ferroxcube International Holding B.V.

  BDW3.5-4S2 Datasheet HTML 1Page - Ferroxcube International Holding B.V. BDW3.5-4S2 Datasheet HTML 2Page - Ferroxcube International Holding B.V. BDW3.5-4S2 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1393
Ferroxcube
EMI-suppression products
EMI-suppression beads on wire
BEADS ON WIRE FOR EMI-SUPPRESSION
Table 1
Grades, parameters and type numbers; see Fig.1
Note
1.
Typical values at 25 and 100 MHz,
Z
min is
−20%. Other impedance values are for reference only.
GRADE
|Ztyp|(
Ω)(1)
DIMENSIONS
(mm)
TYPE NUMBER
at frequency (MHz)
1
3
10
25
30
100
300
∅DL
l
∅d
4S2
4
13
24
36
58
65
3.5
±0.2
3.5
−0.5
64.4
0.64
BDW3.5/3.5-4S2
516
33
49
75
88
3.5
±0.2
4.7
−0.5
64.4
0.64
BDW3.5/4.7-4S2
−−
54
82
3.5
±0.25 5.25 ±0.25 64.4
0.64
BDW3.5/5.3-4S2
621
44
66
100
119
3.5
±0.2
6.0
±0.25
64.4
0.64
BDW3.5/6-4S2
825
49
74
110
131
3.5
±0.2
6.7
±0.25
64.4
0.64
BDW3.5/6.7-4S2
928
55
84
131
150
3.5
±0.2
7.6
±0.35
64.4
0.64
BDW3.5/7.6-4S2
10
33
65
98
146
175
3.5
±0.2
8.9
±0.35
64.4
0.64
BDW3.5/8.9-4S2
−−
96
− 150
3.5
±0.25
9.5
±0.3
64.4
0.64
BDW3.5/9.5-4S2
−−
− 117
− 180
3.5
±0.25 11.4 ±0.4
64.4
0.64
BDW3.5/11-4S2
−−
− 143
− 220
3.5
±0.25 13.8 ±0.5
64.4
0.64
BDW3.5/14-4S2
Fig.1 Bead on wire.
For dimensions, see Table 1.
Wire tin (Sn) plated.
Taping standard in accordance with “IEC 60 286, part 1” and “EIA-RS-296-D”.
handbook, full pagewidth
MGC243
d
O
D
O
L
l


Podobny numer części - BDW3.5-4S2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
BDW36 ISC-BDW36 Datasheet
193Kb / 2P
   High Switching Speed
logo
New Jersey Semi-Conduct...
BDW36 NJSEMI-BDW36 Datasheet
134Kb / 2P
   Silicon NPN Power Transistors
logo
Motorola, Inc
BDW39 MOTOROLA-BDW39 Datasheet
414Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
BDW39 ISC-BDW39 Datasheet
251Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
New Jersey Semi-Conduct...
BDW39 NJSEMI-BDW39 Datasheet
137Kb / 2P
   Silicon NPN Darlington Power Transistor
More results

Podobny opis - BDW3.5-4S2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fair-Rite Products Corp...
2643023002 FAIR-RITE-2643023002_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
2661000301 FAIR-RITE-2661000301_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
2661250402 FAIR-RITE-2661250402_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
2643003201 FAIR-RITE-2643003201_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
2643023201 FAIR-RITE-2643023201 Datasheet
1Mb / 2P
   EMI Suppression Beads
2673004801 FAIR-RITE-2673004801_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
2673004901 FAIR-RITE-2673004901_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
2643250202 FAIR-RITE-2643250202 Datasheet
1Mb / 2P
   EMI Suppression Beads
2643020501 FAIR-RITE-2643020501_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
2673000301 FAIR-RITE-2673000301_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com