Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT652A Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74ABT652A
Szczegółowy opis  Octal transceiver/register; non-inverting; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT652A Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74ABT652A Datasheet HTML 2Page - NXP Semiconductors 74ABT652A Datasheet HTML 3Page - NXP Semiconductors 74ABT652A Datasheet HTML 4Page - NXP Semiconductors 74ABT652A Datasheet HTML 5Page - NXP Semiconductors 74ABT652A Datasheet HTML 6Page - NXP Semiconductors 74ABT652A Datasheet HTML 7Page - NXP Semiconductors 74ABT652A Datasheet HTML 8Page - NXP Semiconductors 74ABT652A Datasheet HTML 9Page - NXP Semiconductors 74ABT652A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
74ABT652A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 12 March 2010
6 of 19
NXP Semiconductors
74ABT652A
Octal transceiver/register; non-inverting; 3-state
6.
Functional description
6.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
↑ = LOW-to-HIGH clock transition.
[2]
The data output function may be enabled or disabled by various signals at the OEBA and OEAB inputs. Data input functions are always
enabled, i.e., data at the bus pins will be stored on every LOW-to-HIGH transition of the clock.
[3]
If both select controls (SAB and SBA) are LOW, then clocks can occur simultaneously. If either select control is HIGH, the clocks must
be staggered in order to load both registers.
Figure 3 demonstrates the four fundamental bus-management functions that can be
performed with the 74ABT652A.
The select pins determine whether data is stored or transferred through the device in real
time.
The output enable pins determine the direction of the data flow.
Table 3.
Function table [1]
Inputs
Data I/O
Operating mode
OEAB
OEBA
CPAB
CPBA
SAB
SBA
An
Bn
L
H
H or L
H or L
X
X
input
input
isolation
LH
↑↑
X
X
input
input
store A and B data
XH
H or L
X
X
input
unspecified
output [2]
store A, hold B
HH
↑↑
[3]
X
input
unspecified
output [2]
store A in both registers
L
X
H or L
X
X
unspecified
output [2]
input
hold A, store B
LL
↑↑
X
[3]
unspecified
output [2]
input
store B in both registers
L
L
X
X
X
L
output
input
real time B data to A bus
L
L
X
H or L
X
H
output
input
stored B data to A bus
H
H
X
X
L
X
input
output
real time A data to B bus
H
H
H or L
X
H
X
input
output
store A data to B bus
H
L
H or L
H or L
H
H
output
output
stored A data to B bus;
stored B data to A bus


Podobny numer części - 74ABT652A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74ABT652AD PHILIPS-74ABT652AD Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74ABT652ADB PHILIPS-74ABT652ADB Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74ABT652AN PHILIPS-74ABT652AN Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74ABT652APW PHILIPS-74ABT652APW Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
More results

Podobny opis - 74ABT652A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
   3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74ABT651 PHILIPS-74ABT651 Datasheet
88Kb / 7P
   Octal transceiver/register, inverting 3-State
1995 Sep 06
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74HC648 PHILIPS-74HC648 Datasheet
95Kb / 12P
   Octal bus transceiver/register; 3-state; inverting
December 1990
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com