Zakładka z wyszukiwarką danych komponentów |
|
UAR11021KDC9P Arkusz danych(PDF) 2 Page - Token Electronics Industry Co., Ltd. |
|
UAR11021KDC9P Arkusz danych(HTML) 2 Page - Token Electronics Industry Co., Ltd. |
2 / 3 page 02 of 03 Dimensions & Technical Characteristics High Precision Resistors (UAR) Dimensions Specification L A D Type UAR1/4 UAR1/8 UAR1/10 Power Rating at 85°C (W) 0.33 0.25 0.125 Max. Working Voltage (V) 300 300 300 Resistance Range (Ω ) 500.0~1.0M 100.0~1.0M 100.0~1.0M Dimensions (mm) L±0.3 14.8 10.0 6.8 D±0.3 5.2 3.7 2.5 A±0.05 0.6 0.6 0.6 Tolerance: ±0.02, ±0.05, ±0.10, ±0.25, ±0.5, ±1.0% Temp. Coefficient: ±3, ±5, ±10, ±15ppm/°C Standard temperature characteristic: +25 to 85 °C on request: -10 to +85 °C Noise: less than 0.05 μV/V Voltage coefficient: less than 0.02 ppm/V Non linearity (3. Harm): more than (-100)dB Inductivity: ≤1MHz Thermal voltage to copper: 1 ~ 3 μV/°C Isolations Resistance: 1010Ω Tests According MIL STD 202 Temperature cycling: 0.02% Low temp. operation: 0.013% Short time overload: 0.01% Dielectric strength: 0.01% Load life: 0.04% Resistance to soldering heat: 0.012% Moisture test: 0.050% Shock-and Vibrations test: 0.015% Version 2010 UAR Low Noise High Precision Resistors TOKEN http://www.token.com.tw/ rfq token.com.tw |
Podobny numer części - UAR11021KDC9P |
|
Podobny opis - UAR11021KDC9P |