Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT162244 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74ABT162244
Szczegółowy opis  16-bit buffer/line driver with 30 W series termination resistors; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT162244 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74ABT162244 Datasheet HTML 3Page - NXP Semiconductors 74ABT162244 Datasheet HTML 4Page - NXP Semiconductors 74ABT162244 Datasheet HTML 5Page - NXP Semiconductors 74ABT162244 Datasheet HTML 6Page - NXP Semiconductors 74ABT162244 Datasheet HTML 7Page - NXP Semiconductors 74ABT162244 Datasheet HTML 8Page - NXP Semiconductors 74ABT162244 Datasheet HTML 9Page - NXP Semiconductors 74ABT162244 Datasheet HTML 10Page - NXP Semiconductors 74ABT162244 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
74ABT162244_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 9 April 2009
7 of 14
NXP Semiconductors
74ABT162244
16-bit buffer/line driver with 30
Ω series termination resistors; 3-state
10. Dynamic characteristics
Table 7.
Dynamic characteristics
GND = 0 V. For test circuit, see Figure 7.
Symbol Parameter
Conditions
25
°C; V
CC = 5.0 V
−40 °C to +85 °C;
VCC = 5.0 V ± 0.5 V
Unit
Min
Typ
Max
Min
Max
tPLH
LOW to HIGH
propagation delay
nAx to nYx, see Figure 5
1.0
1.8
2.4
1.0
2.7
ns
tPHL
HIGH to LOW
propagation delay
nAx to nYx, see Figure 5
1.6
3.2
4.0
1.6
4.4
tPZH
OFF-state to HIGH
propagation delay
nOE to nYx; see Figure 6
1.2
2.7
3.5
1.2
4.3
ns
tPZL
OFF-state to LOW
propagation delay
nOE to nYx; see Figure 6
2.6
5.0
6.2
2.6
7.3
ns
tPHZ
HIGH to OFF-state
propagation delay
nOE to nYx; see Figure 6
1.5
3.0
3.8
1.5
4.5
ns
tPLZ
LOW to OFF-state
propagation delay
nOE to nYx; see Figure 6
1.3
2.6
3.3
1.3
4.6
ns


Podobny numer części - 74ABT162244

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
logo
Fairchild Semiconductor
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
logo
Nexperia B.V. All right...
74ABT162244 NEXPERIA-74ABT162244 Datasheet
212Kb / 11P
   16-bit buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 7 - 2 July 2021
logo
Fairchild Semiconductor
74ABT162244CMTD FAIRCHILD-74ABT162244CMTD Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT162244CMTD FAIRCHILD-74ABT162244CMTD Datasheet
81Kb / 7P
   16-Bit Buffer/Line Driver with 25 OHM Series Resistors in the Outputs
More results

Podobny opis - 74ABT162244

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244_15 Datasheet
112Kb / 15P
   16-bit buffer/line driver with 30 ??series termination resistors; 3-state
Rev. 6-3 November 2011
74ABT162244 NXP-74ABT162244_10 Datasheet
146Kb / 15P
   16-bit buffer/line driver with 30 廓 series termination resistors 3-state
Rev. 05-25 May 2010
logo
Nexperia B.V. All right...
74ABT162244 NEXPERIA-74ABT162244 Datasheet
212Kb / 11P
   16-bit buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 7 - 2 July 2021
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
logo
Nexperia B.V. All right...
74ALVCH162244 NEXPERIA-74ALVCH162244 Datasheet
185Kb / 14P
   16-bit buffer/line driver with 30 Ω termination resistor; 3-State
Rev. 3 - 16 January 2018
logo
NXP Semiconductors
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
   3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
logo
Nexperia B.V. All right...
74LVT162244B NEXPERIA-74LVT162244B Datasheet
214Kb / 11P
   3.3 V 16-bit buffer/driver with 30 Ω termination resistors; 3-state
Rev. 5 - 6 August 2021
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVCH162827 NEXPERIA-74ALVCH162827 Datasheet
191Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
logo
NXP Semiconductors
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com