Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHCT244D Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74AHCT244D
Szczegółowy opis  Octal buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT244D Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74AHCT244D Datasheet HTML 5Page - NXP Semiconductors 74AHCT244D Datasheet HTML 6Page - NXP Semiconductors 74AHCT244D Datasheet HTML 7Page - NXP Semiconductors 74AHCT244D Datasheet HTML 8Page - NXP Semiconductors 74AHCT244D Datasheet HTML 9Page - NXP Semiconductors 74AHCT244D Datasheet HTML 10Page - NXP Semiconductors 74AHCT244D Datasheet HTML 11Page - NXP Semiconductors 74AHCT244D Datasheet HTML 12Page - NXP Semiconductors 74AHCT244D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
74AHC_AHCT244_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 20 December 2007
9 of 16
NXP Semiconductors
74AHC244; 74AHCT244
Octal buffer/line driver; 3-state
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
enable and disable times
001aae014
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
nYn output
LOW-to-OFF
OFF-to-LOW
nYn output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Table 8.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74AHC244
0.5VCC
0.5VCC
VOL + 0.3 V
VOH − 0.3 V
74AHCT244
1.5 V
0.5VCC
VOL + 0.3 V
VOH − 0.3 V


Podobny numer części - 74AHCT244D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHCT244D PHILIPS-74AHCT244D Datasheet
80Kb / 16P
   Octal buffer/line driver; 3-state
1999 Sep 28
74AHCT244D NXP-74AHCT244D Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
logo
Nexperia B.V. All right...
74AHCT244D NEXPERIA-74AHCT244D Datasheet
264Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 6 - 2 July 2020
74AHCT244D-Q100 NEXPERIA-74AHCT244D-Q100 Datasheet
824Kb / 17P
   Octal buffer/line driver; 3-state
More results

Podobny opis - 74AHCT244D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com