Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVC125BQ Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74ALVC125BQ
Szczegółowy opis  Quad buffer/line driver; 3-state
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC125BQ Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVC125BQ Datasheet HTML 5Page - NXP Semiconductors 74ALVC125BQ Datasheet HTML 6Page - NXP Semiconductors 74ALVC125BQ Datasheet HTML 7Page - NXP Semiconductors 74ALVC125BQ Datasheet HTML 8Page - NXP Semiconductors 74ALVC125BQ Datasheet HTML 9Page - NXP Semiconductors 74ALVC125BQ Datasheet HTML 10Page - NXP Semiconductors 74ALVC125BQ Datasheet HTML 11Page - NXP Semiconductors 74ALVC125BQ Datasheet HTML 12Page - NXP Semiconductors 74ALVC125BQ Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
74ALVC125_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 10 January 2008
10 of 13
NXP Semiconductors
74ALVC125
Quad buffer/line driver; 3-state
Fig 11. Package outline SOT762-1 (DHVQFN14)
terminal 1
index area
0.5
1
A1
Eh
b
UNIT
y
e
0.2
c
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
3.1
2.9
Dh
1.65
1.35
y1
2.6
2.4
1.15
0.85
e1
2
0.30
0.18
0.05
0.00
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT762-1
MO-241
- - -
- - -
0.5
0.3
L
0.1
v
0.05
w
0
2.5
5 mm
scale
SOT762-1
DHVQFN14: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads;
14 terminals; body 2.5 x 3 x 0.85 mm
A(1)
max.
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
26
13
9
8
7
1
14
X
D
E
C
B
A
02-10-17
03-01-27
terminal 1
index area
A
C
C
B
v M
w M
E(1)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
D(1)


Podobny numer części - 74ALVC125BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74ALVC125BQ NEXPERIA-74ALVC125BQ Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
74ALVC125BQ-Q100 NEXPERIA-74ALVC125BQ-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
More results

Podobny opis - 74ALVC125BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com