Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVC164245 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74ALVC164245
Szczegółowy opis  16-bit dual supply translating transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC164245 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74ALVC164245 Datasheet HTML 1Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 2Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 3Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 4Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 5Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 6Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 7Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 8Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
74ALVC164245_5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 13 April 2010
4 of 20
NXP Semiconductors
74ALVC164245
16-bit dual supply translating transceiver; 3-state
5.
Pinning information
5.1 Pinning
Fig 3.
Pin configuration SOT370-1 (SSOP48) and SOT362-1 (TSSOP48)
74ALVC164245
1DIR
1OE
1B0
1A0
1B1
1A1
GND
GND
1B2
1A2
1B3
1A3
VCC(B)
VCC(A)
1B4
1A4
1B5
1A5
GND
GND
1B6
1A6
1B7
1A7
2B0
2A0
2B1
2A1
GND
GND
2B2
2A2
2B3
2A3
VCC(B)
VCC(A)
2B4
2A4
2B5
2A5
GND
GND
2B6
2A6
2B7
2A7
2DIR
2OE
001aab037
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25


Podobny numer części - 74ALVC164245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
107Kb / 19P
   16-bit dual supply translating transciever; 3-state
Rev. 02-1 June 2004
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245DGG PHILIPS-74ALVC164245DGG Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
More results

Podobny opis - 74ALVC164245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
logo
NXP Semiconductors
74ALVC164245DL,112 NXP-74ALVC164245DL,112 Datasheet
282Kb / 20P
   74ALVC164245 16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
   4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com