Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP1G18GF Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74AUP1G18GF
Szczegółowy opis  Low-power 1-of-2 demultiplexer with 3-state deselected output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G18GF Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP1G18GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1G18GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G18GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G18GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G18GF Datasheet HTML 9Page - NXP Semiconductors 74AUP1G18GF Datasheet HTML 10Page - NXP Semiconductors 74AUP1G18GF Datasheet HTML 11Page - NXP Semiconductors 74AUP1G18GF Datasheet HTML 12Page - NXP Semiconductors 74AUP1G18GF Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
74AUP1G18_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 3 April 2008
9 of 19
NXP Semiconductors
74AUP1G18
Low-power 1-of-2 demultiplexer with 3-state deselected output
ten
enable time
S to nY; see Figure 6
[3]
VCC = 0.8 V
-
50.1
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.6
6.5
11.1
3.3
11.6
12.8
ns
VCC = 1.4 V to 1.6 V
2.9
4.6
7.0
2.6
7.6
8.4
ns
VCC = 1.65 V to 1.95 V
2.5
3.9
5.8
2.2
6.3
6.9
ns
VCC = 2.3 V to 2.7 V
2.1
3.2
4.6
1.7
4.9
5.4
ns
VCC = 3.0 V to 3.6 V
2.0
2.9
4.2
1.6
4.4
4.8
ns
tdis
disable time
S to nY; see Figure 6
[4]
VCC = 0.8 V
-
14.5
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.1
5.8
8.7
3.9
9.1
10.0
ns
VCC = 1.4 V to 1.6 V
3.2
4.4
6.1
3.0
6.5
7.2
ns
VCC = 1.65 V to 1.95 V
3.3
4.5
6.0
3.2
6.3
6.9
ns
VCC = 2.3 V to 2.7 V
2.4
3.3
4.4
2.2
4.7
5.2
ns
VCC = 3.0 V to 3.6 V
3.1
4.1
5.2
3.0
5.5
6.1
ns
CL = 15 pF
tpd
propagation delay A to nY; see Figure 5
[2]
VCC = 0.8 V
-
27.4
-
ns
VCC = 1.1 V to 1.3 V
3.4
7.2
13.7
3.2
13.9
13.9
ns
VCC = 1.4 V to 1.6 V
3.2
5.0
7.9
2.8
8.7
9.1
ns
VCC = 1.65 V to 1.95 V
2.5
4.2
6.3
2.4
7.0
7.4
ns
VCC = 2.3 V to 2.7 V
2.3
3.4
4.9
2.2
5.3
5.7
ns
VCC = 3.0 V to 3.6 V
2.2
3.2
4.4
1.9
4.8
5.0
ns
ten
enable time
S to nY; see Figure 6
[3]
VCC = 0.8 V
-
53.9
-
ns
VCC = 1.1 V to 1.3 V
4.1
7.3
12.4
3.6
12.9
14.2
ns
VCC = 1.4 V to 1.6 V
3.3
5.2
7.8
2.9
8.4
9.2
ns
VCC = 1.65 V to 1.95 V
2.9
4.4
6.4
2.5
7.0
7.7
ns
VCC = 2.3 V to 2.7 V
2.5
3.6
5.2
2.1
5.5
6.1
ns
VCC = 3.0 V to 3.6 V
2.3
3.4
4.8
1.9
4.9
5.4
ns
tdis
disable time
S to nY; see Figure 6
[4]
VCC = 0.8 V
-
16.3
-
ns
VCC = 1.1 V to 1.3 V
5.1
6.9
10.0
4.9
10.4
11.4
ns
VCC = 1.4 V to 1.6 V
4.0
5.3
7.1
3.8
7.4
8.1
ns
VCC = 1.65 V to 1.95 V
4.3
5.6
7.3
4.2
7.6
8.4
ns
VCC = 2.3 V to 2.7 V
3.1
4.1
5.3
3.0
5.6
6.2
ns
VCC = 3.0 V to 3.6 V
4.2
5.3
6.6
4.1
6.9
7.6
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)


Podobny numer części - 74AUP1G18GF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AUP1G18GM NEXPERIA-74AUP1G18GM Datasheet
280Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 7 - 18 January 2022
74AUP1G18GN NEXPERIA-74AUP1G18GN Datasheet
280Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 7 - 18 January 2022
74AUP1G18GS NEXPERIA-74AUP1G18GS Datasheet
280Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 7 - 18 January 2022
74AUP1G18GW NEXPERIA-74AUP1G18GW Datasheet
280Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 7 - 18 January 2022
More results

Podobny opis - 74AUP1G18GF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AUP1G18 NEXPERIA-74AUP1G18 Datasheet
280Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 7 - 18 January 2022
logo
NXP Semiconductors
74AUP1G18 PHILIPS-74AUP1G18_15 Datasheet
214Kb / 22P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 5-3 July 2012
logo
Texas Instruments
SN74LVC1G18 TI-SN74LVC1G18 Datasheet
332Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI-SN74LVC1G18_07 Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI1-SN74LVC1G18_15 Datasheet
1Mb / 23P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18 Datasheet
77Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
74LVC1G18 PHILIPS-74LVC1G18_15 Datasheet
83Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18 Datasheet
230Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 NXP-74LVC1G18 Datasheet
76Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Nexperia B.V. All right...
74LVC1G18-Q100 NEXPERIA-74LVC1G18-Q100 Datasheet
782Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com