Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP1G38GF Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74AUP1G38GF
Szczegółowy opis  Low-power 2-input NAND gate (open drain)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G38GF Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1G38GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G38GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G38GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G38GF Datasheet HTML 9Page - NXP Semiconductors 74AUP1G38GF Datasheet HTML 10Page - NXP Semiconductors 74AUP1G38GF Datasheet HTML 11Page - NXP Semiconductors 74AUP1G38GF Datasheet HTML 12Page - NXP Semiconductors 74AUP1G38GF Datasheet HTML 13Page - NXP Semiconductors 74AUP1G38GF Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
74AUP1G38_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 22 June 2009
10 of 15
NXP Semiconductors
74AUP1G38
Low-power 2-input NAND gate (open drain)
13. Package outline
Fig 9.
Package outline SOT353-1 (TSSOP5)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(1)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.1
0
1.0
0.8
0.30
0.15
0.25
0.08
2.25
1.85
1.35
1.15
0.65
e1
1.3
2.25
2.0
0.60
0.15
7
°
0
°
0.1
0.1
0.3
0.425
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
0.46
0.21
SOT353-1
MO-203
SC-88A
00-09-01
03-02-19
w M
bp
D
Z
e
e1
0.15
13
5
4
θ
A
A2
A1
Lp
(A3)
detail X
L
HE
E
c
v M A
X
A
y
1.5
3 mm
0
scale
TSSOP5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm
SOT353-1
1.1


Podobny numer części - 74AUP1G38GF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AUP1G38GM NEXPERIA-74AUP1G38GM Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
74AUP1G38GN NEXPERIA-74AUP1G38GN Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
74AUP1G38GS NEXPERIA-74AUP1G38GS Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
74AUP1G38GW NEXPERIA-74AUP1G38GW Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
74AUP1G38GX NEXPERIA-74AUP1G38GX Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
More results

Podobny opis - 74AUP1G38GF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AUP1G38 NEXPERIA-74AUP1G38 Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
logo
NXP Semiconductors
74LVC1G38 NXP-74LVC1G38 Datasheet
84Kb / 15P
   2-input NAND gate; open drain
Rev. 03-27 August 2007
74AUP2G38 PHILIPS-74AUP2G38 Datasheet
86Kb / 16P
   Low-power dual 2-input NAND gate (open-drain)
Rev. 01-16 October 2006
74AUP2G38 NXP-74AUP2G38 Datasheet
501Kb / 17P
   Low-power dual 2-input NAND gate; open drain
Rev. 04-8 October 2009
logo
Nexperia B.V. All right...
74AUP2G38 NEXPERIA-74AUP2G38 Datasheet
252Kb / 17P
   Low-power dual 2-input NAND gate; open drain
Rev. 10 - 3 December 2020
74LVC1G38-Q100 NEXPERIA-74LVC1G38-Q100 Datasheet
783Kb / 13P
   2-input NAND gate; open drain
74LVC1G38 NEXPERIA-74LVC1G38 Datasheet
261Kb / 17P
   2-input NAND gate; open drain
Rev. 10 - 12 January 2022
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 1999
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
   Quad 2-Input NAND Gate (open drain)
TC7SZ38F TOSHIBA-TC7SZ38F Datasheet
188Kb / 7P
   2-Input NAND Gate(Open Drain Output)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com