Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP1G74 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74AUP1G74
Szczegółowy opis  Low-power D-type flip-flop with set and reset; positive-edge trigger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G74 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74AUP1G74 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
74AUP1G74_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 3 June 2008
4 of 24
NXP Semiconductors
74AUP1G74
Low-power D-type flip-flop with set and reset; positive-edge trigger
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
Fig 6.
Pin configuration SOT996-2 (XSON8U)
Fig 7.
Pin configuration SOT902-1 (XQFN8U)
001aai217
74AUP1G74
Transparent top view
8
7
6
5
1
2
3
4
CP
D
Q
GND
VCC
SD
RD
Q
001aae324
D
RD
CP
Q
SD
Q
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74AUP1G74
Table 3.
Pin description
Symbol
Pin
Description
SOT765-1, SOT833-1
and SOT996-2
SOT902-1
CP
1
7
clock input
D
2
6
data input
Q
3
5
complement output
GND
4
4
ground (0 V)
Q
5
3
true output
RD
6
2
asynchronous reset input (active LOW)
SD
7
1
asynchronous set input (active LOW)
VCC
8
8
supply voltage
Table 4.
Function table for asynchronous operation[1]
Input
Output
SD
RD
CP
D
Q
Q
L
H
XXH
L
H
L
XXL
H
L
L
XXH
H


Podobny numer części - 74AUP1G74

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AUP1G74 PHILIPS-74AUP1G74 Datasheet
112Kb / 23P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 01-25 August 2006
logo
Nexperia B.V. All right...
74AUP1G74 NEXPERIA-74AUP1G74 Datasheet
349Kb / 26P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 13 - 23 January 2023
74AUP1G74-Q100 NEXPERIA-74AUP1G74-Q100 Datasheet
243Kb / 20P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
logo
NXP Semiconductors
74AUP1G74DC PHILIPS-74AUP1G74DC Datasheet
112Kb / 23P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 01-25 August 2006
logo
Nexperia B.V. All right...
74AUP1G74DC NEXPERIA-74AUP1G74DC Datasheet
349Kb / 26P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 13 - 23 January 2023
More results

Podobny opis - 74AUP1G74

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AUP1G74-Q100 NEXPERIA-74AUP1G74-Q100 Datasheet
243Kb / 20P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
74AUP1G74 NEXPERIA-74AUP1G74 Datasheet
349Kb / 26P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 13 - 23 January 2023
logo
NXP Semiconductors
74AUP1G74 PHILIPS-74AUP1G74 Datasheet
112Kb / 23P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 01-25 August 2006
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
74LVC1G74DC.125 NXP-74LVC1G74DC.125 Datasheet
299Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 12-2 April 2013
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74LVC1G74 NXP-74LVC1G74_10 Datasheet
202Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com