Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP1G79GW Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74AUP1G79GW
Szczegółowy opis  Low-power D-type flip-flop; positive-edge trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G79GW Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1G79GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G79GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G79GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G79GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G79GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G79GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G79GW Datasheet HTML 12Page - NXP Semiconductors 74AUP1G79GW Datasheet HTML 13Page - NXP Semiconductors 74AUP1G79GW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
74AUP1G79_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 3 August 2009
10 of 20
NXP Semiconductors
74AUP1G79
Low-power D-type flip-flop; positive-edge trigger
CL = 5 pF, 10 pF, 15 pF and 30 pF
tsu
set-up time
HIGH; D to CP;
see Figure 8
VCC = 0.8 V
-
3.4
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
-
0.8
-
1.6
-
1.4
-
ns
VCC = 1.4 V to 1.6 V
-
0.5
-
1.0
-
1.0
-
ns
VCC = 1.65 V to 1.95 V
-
0.5
-
0.9
-
0.9
-
ns
VCC = 2.3 V to 2.7 V
-
0.4
-
0.7
-
0.7
-
ns
VCC = 3.0 V to 3.6 V
-
0.4
-
0.6
-
0.6
-
ns
LOW; D to CP; see Figure 8
VCC = 0.8 V
-
3.0
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
-
0.9
-
1.4
-
1.4
-
ns
VCC = 1.4 V to 1.6 V
-
0.6
-
1.0
-
1.0
-
ns
VCC = 1.65 V to 1.95 V
-
0.5
-
0.9
-
0.9
-
ns
VCC = 2.3 V to 2.7 V
-
0.5
-
0.8
-
0.8
-
ns
VCC = 3.0 V to 3.6 V
-
0.7
-
1.0
-
1.0
-
ns
th
hold time
D to CP; see Figure 8
VCC = 0.8 V
-
-1.9
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
-
-0.6
-
0.2
-
0.2
-
ns
VCC = 1.4 V to 1.6 V
-
-0.4
-
0
-
0
-
ns
VCC = 1.65 V to 1.95 V
-
-0.4
-
0
-
0
-
ns
VCC = 2.3 V to 2.7 V
-
-0.4
-
0
-
0
-
ns
VCC = 3.0 V to 3.6 V
-
-0.3
-
0
-
0
-
ns
tW
pulse width
HIGH or LOW; CP;
see Figure 8
VCC = 0.8 V
-
5.6
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
-
2.4
-
3.5
-
3.5
-
ns
VCC = 1.4 V to 1.6 V
-
1.3
-
2.0
-
2.0
-
ns
VCC = 1.65 V to 1.95 V
-
0.9
-
1.9
-
1.9
-
ns
VCC = 2.3 V to 2.7 V
-
0.7
-
2.0
-
2.0
-
ns
VCC = 3.0 V to 3.6 V
-
0.6
-
2.2
-
2.2
-
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
(85
°C)
Max
(85
°C)
Min
(125
°C)
Max
(125
°C)


Podobny numer części - 74AUP1G79GW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AUP1G79GW PHILIPS-74AUP1G79GW Datasheet
97Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-12 September 2005
logo
Nexperia B.V. All right...
74AUP1G79GW NEXPERIA-74AUP1G79GW Datasheet
305Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 8 - 24 January 2022
More results

Podobny opis - 74AUP1G79GW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AUP1G79 PHILIPS-74AUP1G79 Datasheet
97Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-12 September 2005
74AUP1G80 NXP-74AUP1G80 Datasheet
103Kb / 18P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-20 October 2006
logo
Nexperia B.V. All right...
74AUP1G79 NEXPERIA-74AUP1G79 Datasheet
305Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 8 - 24 January 2022
74AUP1G80 NEXPERIA-74AUP1G80 Datasheet
295Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 7 - 23 January 2023
logo
NXP Semiconductors
74AUP2G80 NXP-74AUP2G80 Datasheet
95Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 02-1 August 2007
74AUP2G79 NXP-74AUP2G79 Datasheet
114Kb / 21P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-30 June 2009
logo
Nexperia B.V. All right...
74AUP2G79-Q100 NEXPERIA-74AUP2G79-Q100 Datasheet
235Kb / 15P
   Low-power dual D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AUP2G80 PHILIPS-74AUP2G80 Datasheet
94Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 01-25 August 2006
74AUP2G80 NXP-74AUP2G80_08 Datasheet
111Kb / 20P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-2 June 2008
logo
Nexperia B.V. All right...
74AUP2G79 NEXPERIA-74AUP2G79 Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 3 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com