Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP1T57GW Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74AUP1T57GW
Szczegółowy opis  Low-power configurable gate with voltage-level translator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1T57GW Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1T57GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1T57GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1T57GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1T57GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1T57GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1T57GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1T57GW Datasheet HTML 12Page - NXP Semiconductors 74AUP1T57GW Datasheet HTML 13Page - NXP Semiconductors 74AUP1T57GW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
74AUP1T57_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 August 2009
10 of 17
NXP Semiconductors
74AUP1T57
Low-power configurable gate with voltage-level translator
12. Waveforms
Measurement points are given in Table 10.
VOL and VOH are typical output voltage drop that occur with the output load.
Fig 12. Input A, B and C to output Y propagation delay times
Y output
A, B, C input
Y output
GND
VI
VOH
VOH
VOL
VOL
VM
VM
VM
VM
VM
VM
tPLH
tPLH
tPHL
tPHL
001aab593
Table 10.
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
2.3 V to 3.6 V
0.5
× VCC
0.5
× VI
1.65 V to 3.6 V
≤ 3.0 ns


Podobny numer części - 74AUP1T57GW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AUP1T57GW NEXPERIA-74AUP1T57GW Datasheet
265Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
More results

Podobny opis - 74AUP1T57GW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AUP1T58 NXP-74AUP1T58 Datasheet
101Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-29 September 2009
logo
Fairchild Semiconductor
74AUP1T97 FAIRCHILD-74AUP1T97 Datasheet
530Kb / 11P
   Low Power Configurable Gate with Voltage-Level Translator
logo
Nexperia B.V. All right...
74AUP1T97-Q100 NEXPERIA-74AUP1T97-Q100 Datasheet
235Kb / 15P
   Low-power configurable gate with voltage-level translator
Rev. 3 - 27 January 2022
74AUP1T58 NEXPERIA-74AUP1T58 Datasheet
267Kb / 18P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T97 NXP-74AUP1T97 Datasheet
89Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74AUP1T98-Q100 NEXPERIA-74AUP1T98-Q100 Datasheet
225Kb / 14P
   Low-power configurable gate with voltage-level translator
74AUP1T57 NEXPERIA-74AUP1T57 Datasheet
265Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
74AUP1T97 NEXPERIA-74AUP1T97 Datasheet
280Kb / 19P
   Low-power configurable gate with voltage-level translator
Rev. 8 - 27 January 2022
logo
NXP Semiconductors
74AUP1T98 NXP-74AUP1T98 Datasheet
99Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 01-6 March 2008
logo
Nexperia B.V. All right...
74AUP1T98 NEXPERIA-74AUP1T98 Datasheet
263Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 27 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com