Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP1T1326GT Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74AUP1T1326GT
Szczegółowy opis  Low-power dual supply buffer/line driver; 3-state
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1T1326GT Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74AUP1T1326GT Datasheet HTML 1Page - NXP Semiconductors 74AUP1T1326GT Datasheet HTML 2Page - NXP Semiconductors 74AUP1T1326GT Datasheet HTML 3Page - NXP Semiconductors 74AUP1T1326GT Datasheet HTML 4Page - NXP Semiconductors 74AUP1T1326GT Datasheet HTML 5Page - NXP Semiconductors 74AUP1T1326GT Datasheet HTML 6Page - NXP Semiconductors 74AUP1T1326GT Datasheet HTML 7Page - NXP Semiconductors 74AUP1T1326GT Datasheet HTML 8Page - NXP Semiconductors 74AUP1T1326GT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
74AUP1T1326_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 20 January 2009
3 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
Fig 2.
Pin configuration SOT833-1 (XSON8)
74AUP1T1326
2OE
1Y
2Y
1OE
VCC(A)
A
VCC(B)
GND
001aaj294
36
27
18
45
Transparent top view
Table 3.
Pin description
Symbol
Pin
Description
VCC(B)
1
supply voltage B
A
2
data input
VCC(A)
3
supply voltage A
GND
4
ground (0 V)
1OE
5
output enable input (Schmitt trigger input)
2OE
6
output enable input (Schmitt trigger input)
1Y
7
data output
2Y
8
data output
Table 4.
Function table[1]
Input
Output
1OE
2OE
A
1Y
2Y
LLX
LZ
XH
L
H
L
X
HHHH
HX
L
H
L
HX
HHH


Podobny numer części - 74AUP1T1326GT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AUP1T1326GT NEXPERIA-74AUP1T1326GT Datasheet
294Kb / 25P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2.1 - 23 July 2018
More results

Podobny opis - 74AUP1T1326GT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AUP2T1326 NEXPERIA-74AUP2T1326 Datasheet
801Kb / 17P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2 - 3 July 2012
logo
NXP Semiconductors
74AUP2T1326 NXP-74AUP2T1326 Datasheet
96Kb / 16P
   Low-power dual supply buffer/line driver; 3-state
Rev. 01-1 July 2009
logo
Nexperia B.V. All right...
74AUP1T1326 NEXPERIA-74AUP1T1326 Datasheet
294Kb / 25P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2.1 - 23 July 2018
logo
NXP Semiconductors
74AXP1T125GWH NXP-74AXP1T125GWH Datasheet
208Kb / 22P
   Dual supply buffer/line driver; 3-state
Rev. 1-21 December 2015
logo
Nexperia B.V. All right...
74AXP1T125 NEXPERIA-74AXP1T125 Datasheet
265Kb / 18P
   Dual supply buffer/line driver; 3-state
logo
NXP Semiconductors
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G126 NXP-74AUP2G126 Datasheet
117Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
   Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com