Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP1Z04GF Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74AUP1Z04GF
Szczegółowy opis  Low-power X-tal driver with enable and internal resistor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1Z04GF Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74AUP1Z04GF Datasheet HTML 1Page - NXP Semiconductors 74AUP1Z04GF Datasheet HTML 2Page - NXP Semiconductors 74AUP1Z04GF Datasheet HTML 3Page - NXP Semiconductors 74AUP1Z04GF Datasheet HTML 4Page - NXP Semiconductors 74AUP1Z04GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1Z04GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1Z04GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1Z04GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1Z04GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1.
General description
The 74AUP1Z04 combines the functions of the 74AUP1GU04 and 74AUP1G04 with
enable circuitry and an internal bias resistor to provide a device optimized for use in
crystal oscillator applications.
When not in use the EN input can be driven HIGH, pulling up the X1 input and putting the
device in a low power disable mode. Schmitt trigger action at the EN input makes the
circuit tolerant to slower input rise and fall times across the entire VCC range from 0.8 V to
3.6 V.
This device is fully specified for partial power-down applications using IOFF at output Y.
The IOFF circuitry disables the output Y, preventing the damaging backflow current through
the device when it is powered down.
The integration of the two devices into the 74AUP1Z04 produces the benefits of a
compact footprint, lower power dissipation and stable operation over a wide range of
frequency and temperature.
2.
Features
I Wide supply voltage range from 0.8 V to 3.6 V
I High noise immunity
I ESD protection:
N HBM JESD22-A114E Class 3A exceeds 5000 V
N MM JESD22-A115-A exceeds 200 V
N CDM JESD22-C101C exceeds 1000 V
I Latch-up performance exceeds 100 mA per JESD 78 Class II
I Inputs accept voltages up to 3.6 V
I Low noise overshoot and undershoot < 10 % of VCC
I IOFF circuitry provides partial Power-down mode operation at output Y
I Multiple package options
I Specified from −40 °Cto+85 °C and −40 °C to +125 °C
74AUP1Z04
Low-power X-tal driver with enable and internal resistor
Rev. 02 — 3 July 2008
Product data sheet


Podobny numer części - 74AUP1Z04GF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AUP1Z04GM NEXPERIA-74AUP1Z04GM Datasheet
332Kb / 24P
   Low-power X-tal driver with enable and internal resistor
Rev. 7 - 27 January 2022
74AUP1Z04GN NEXPERIA-74AUP1Z04GN Datasheet
332Kb / 24P
   Low-power X-tal driver with enable and internal resistor
Rev. 7 - 27 January 2022
74AUP1Z04GS NEXPERIA-74AUP1Z04GS Datasheet
332Kb / 24P
   Low-power X-tal driver with enable and internal resistor
Rev. 7 - 27 January 2022
74AUP1Z04GW NEXPERIA-74AUP1Z04GW Datasheet
332Kb / 24P
   Low-power X-tal driver with enable and internal resistor
Rev. 7 - 27 January 2022
74AUP1Z04GW-Q100 NEXPERIA-74AUP1Z04GW-Q100 Datasheet
300Kb / 21P
   Low-power X-tal driver with enable and internal resistor
Rev. 2 - 27 January 2022
More results

Podobny opis - 74AUP1Z04GF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AUP1Z04-Q100 NEXPERIA-74AUP1Z04-Q100 Datasheet
300Kb / 21P
   Low-power X-tal driver with enable and internal resistor
Rev. 2 - 27 January 2022
logo
NXP Semiconductors
74AUP1Z125 NXP-74AUP1Z125 Datasheet
143Kb / 29P
   Low-power X-tal driver with enable and internal resistor
Rev. 02-7 August 2008
74AUP1Z125 PHILIPS-74AUP1Z125 Datasheet
121Kb / 27P
   Low-power X-tal driver with enable and internal resistor
Rev. 01-3 August 2006
logo
Nexperia B.V. All right...
74AUP1Z04 NEXPERIA-74AUP1Z04 Datasheet
332Kb / 24P
   Low-power X-tal driver with enable and internal resistor
Rev. 7 - 27 January 2022
logo
NXP Semiconductors
74AUP1Z125 NXP-74AUP1Z125_11 Datasheet
186Kb / 32P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 4-1 December 2011
logo
Nexperia B.V. All right...
74AUP1Z125 NEXPERIA-74AUP1Z125 Datasheet
331Kb / 23P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 7 - 28 January 2022
74LVC1GX04 NEXPERIA-74LVC1GX04 Datasheet
247Kb / 15P
   X-tal driver
Rev. 5 - 26 January 2022
logo
NXP Semiconductors
74LVC1GX04 PHILIPS-74LVC1GX04 Datasheet
90Kb / 16P
   X-tal driver
2003 Aug 13
logo
Nexperia B.V. All right...
74LVC1GX04-Q100 NEXPERIA-74LVC1GX04-Q100 Datasheet
824Kb / 18P
   X-tal driver
logo
STMicroelectronics
AST1S31HF STMICROELECTRONICS-AST1S31HF Datasheet
1Mb / 33P
   Internal soft-start and enable
March 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com