Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP2G04GF Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74AUP2G04GF
Szczegółowy opis  Low-power dual inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G04GF Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP2G04GF Datasheet HTML 5Page - NXP Semiconductors 74AUP2G04GF Datasheet HTML 6Page - NXP Semiconductors 74AUP2G04GF Datasheet HTML 7Page - NXP Semiconductors 74AUP2G04GF Datasheet HTML 8Page - NXP Semiconductors 74AUP2G04GF Datasheet HTML 9Page - NXP Semiconductors 74AUP2G04GF Datasheet HTML 10Page - NXP Semiconductors 74AUP2G04GF Datasheet HTML 11Page - NXP Semiconductors 74AUP2G04GF Datasheet HTML 12Page - NXP Semiconductors 74AUP2G04GF Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
74AUP2G04_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 7 July 2009
9 of 16
NXP Semiconductors
74AUP2G04
Low-power dual inverter
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPLH and tPHL.
[3]
All specified values are the average typical values over all stated loads.
[4]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
12. Waveforms
CL = 5 pF, 10 pF, 15 pF and 30 pF
CPD
power dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[3][4]
VCC = 0.8 V
-
2.5
-
-
-
-
pF
VCC = 1.1 V to 1.3 V
-
2.7
-
-
-
-
pF
VCC = 1.4 V to 1.6 V
-
2.8
-
-
-
-
pF
VCC = 1.65 V to 1.95 V
-
3.0
-
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
3.5
-
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
4.0
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
The data input (nA) to output (nY) propagation delays
mna344
tPHL
tPLH
VM
VM
VM
VM
nA input
nY output
GND
VI
VOH
VOL
Table 9.
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
0.8 V to 3.6 V
0.5
× V
CC
0.5
× V
CC
VCC
≤ 3.0 ns


Podobny numer części - 74AUP2G04GF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AUP2G04GF PHILIPS-74AUP2G04GF Datasheet
67Kb / 18P
   Low-power dual inverter
Rev. 01.-16 January 2006
More results

Podobny opis - 74AUP2G04GF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AUP2G04 PHILIPS-74AUP2G04_15 Datasheet
199Kb / 19P
   Low-power dual inverter
Rev. 5-5 March 2012
74AUP2G04 PHILIPS-74AUP2G04 Datasheet
67Kb / 18P
   Low-power dual inverter
Rev. 01.-16 January 2006
logo
Nexperia B.V. All right...
74AUP2G04-Q100 NEXPERIA-74AUP2G04-Q100 Datasheet
737Kb / 14P
   Low-power dual inverter
74AUP2G04 NEXPERIA-74AUP2G04 Datasheet
264Kb / 18P
   Low-power dual inverter
Rev. 8 - 31 January 2022
logo
Texas Instruments
SN74AUP2G04 TI1-SN74AUP2G04 Datasheet
908Kb / 20P
[Old version datasheet]   LOW-POWER DUAL INVERTER GATE
logo
NXP Semiconductors
74AUP2GU04 NXP-74AUP2GU04 Datasheet
99Kb / 16P
   Low-power dual unbuffered inverter
Rev. 02-3 July 2009
74AUP2GU04 PHILIPS-74AUP2GU04_15 Datasheet
202Kb / 19P
   Low-power dual unbuffered inverter
Rev. 5-11 October 2013
logo
Nexperia B.V. All right...
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com