Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP2G07GM Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74AUP2G07GM
Szczegółowy opis  Low-power dual buffer with open-drain output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G07GM Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74AUP2G07GM Datasheet HTML 1Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 2Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 3Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 4Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 5Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 6Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 7Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 8Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
74AUP2G07_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 June 2009
4 of 15
NXP Semiconductors
74AUP2G07
Low-power dual buffer with open-drain output
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SC-88 package: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
For XSON6 packages: above 118
°C the value of P
tot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
10. Static characteristics
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
−50
-
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO <0V
−50
-
mA
VO
output voltage
Active mode and Power-down mode
[1]
−0.5
+4.6
V
IO
output current
VO =0 VtoVCC
-20
mA
ICC
supply current
-
50
mA
IGND
ground current
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.8
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
Active mode and Power-down mode
0
3.6
V
Tamb
ambient temperature
−40
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 0.8 V to 3.6 V
0
200
ns/V
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
VIH
HIGH-level input voltage
VCC = 0.8 V
0.70
× VCC --
V
VCC = 0.9 V to 1.95 V
0.65
× VCC --
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.30
× V
CC
V
VCC = 0.9 V to 1.95 V
-
-
0.35
× V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V


Podobny numer części - 74AUP2G07GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AUP2G07GM PHILIPS-74AUP2G07GM Datasheet
82Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 02-12 June 2007
logo
Nexperia B.V. All right...
74AUP2G07GM NEXPERIA-74AUP2G07GM Datasheet
261Kb / 17P
   Low-power dual buffer with open-drain output
Rev. 10 - 31 January 2022
More results

Podobny opis - 74AUP2G07GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AUP2G07 PHILIPS-74AUP2G07 Datasheet
82Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 02-12 June 2007
logo
Nexperia B.V. All right...
74AXP2G07 NEXPERIA-74AXP2G07 Datasheet
830Kb / 17P
   Low-power dual buffer with open-drain output
74AUP2G07 NEXPERIA-74AUP2G07 Datasheet
261Kb / 17P
   Low-power dual buffer with open-drain output
Rev. 10 - 31 January 2022
logo
NXP Semiconductors
74AXP2G07 PHILIPS-74AXP2G07_15 Datasheet
170Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 1-24 September 2014
74AUP1G07 PHILIPS-74AUP1G07_11 Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
74AUP1G07 NXP-74AUP1G07 Datasheet
91Kb / 15P
   Low-power buffer with open-drain output
Rev. 03-17 June 2009
logo
Unisonic Technologies
10N65Z UTC-10N65Z_15 Datasheet
217Kb / 5P
   LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AXP1G07 NEXPERIA-74AXP1G07 Datasheet
834Kb / 17P
   Low-power buffer with open-drain output
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G07 NXP-74AUP1G07_10 Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com