Zakładka z wyszukiwarką danych komponentów |
|
74AUP2G80DC Arkusz danych(PDF) 1 Page - NXP Semiconductors |
|
74AUP2G80DC Arkusz danych(HTML) 1 Page - NXP Semiconductors |
1 / 20 page 1. General description The 74AUP2G80 provides the dual positive-edge triggered D-type flip-flop. Information on the data input is transferred to the Q output on the LOW-to-HIGH transition of the clock pulse. The input pin D must be stable one setup time prior to the LOW-to-HIGH clock transition for predictable operation. Schmitt-trigger action at all inputs makes the circuit tolerant to slower input rise and fall times across the entire VCC range from 0.8 V to 3.6 V. This device ensures a very low static and dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output, preventing a damaging backflow current through the device when it is powered down. 2. Features I Wide supply voltage range from 0.8 V to 3.6 V I High noise immunity I Complies with JEDEC standards: N JESD8-12 (0.8 V to 1.3 V) N JESD8-11 (0.9 V to 1.65 V) N JESD8-7 (1.2 V to 1.95 V) N JESD8-5 (1.8 V to 2.7 V) N JESD8-B (2.7 V to 3.6 V) I ESD protection: N HBM JESD22-A114E Class 3A exceeds 5000 V N MM JESD22-A115-A exceeds 200 V N CDM JESD22-C101C exceeds 1000 V I Low static power consumption; ICC = 0.9 µA (maximum) I Latch-up performance exceeds 100 mA per JESD78 Class II I Inputs accept voltages up to 3.6 V I Low noise overshoot and undershoot < 10 % of VCC I IOFF circuitry provides partial Power-down mode operation I Multiple package options I Specified from −40 °Cto+85 °C and −40 °C to +125 °C 74AUP2G80 Low-power dual D-type flip-flop; positive-edge trigger Rev. 04 — 2 June 2008 Product data sheet |
Podobny numer części - 74AUP2G80DC |
|
Podobny opis - 74AUP2G80DC |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |