Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP2T1326 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74AUP2T1326
Szczegółowy opis  Low-power dual supply buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2T1326 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP2T1326 Datasheet HTML 6Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 7Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 8Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 9Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 10Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 11Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 12Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 13Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
74AUP2T1326_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 1 July 2009
10 of 16
NXP Semiconductors
74AUP2T1326
Low-power dual supply buffer/line driver; 3-state
[1]
VCCI is the supply voltage associated with the data input port.
[2]
VCCO is the supply voltage associated with the output port.
[1]
VCCI is the supply voltage associated with the data input port.
[2]
For measuring enable and disable times, CL and RL are connected to pin 2Y and 3Y.
[3]
For measuring enable and disable times RL = 5 kΩ, for measuring propagation delays RL =1MΩ.
[4]
VCCO is the supply voltage associated with the output port.
Table 9.
Measurement points
Supply voltage
Input[1]
Output[2]
VCC(A), VCC(B)
VM
VM
VX
VY
1.65 V to 2.7 V
0.5VCCI
0.5VCCO
VOL + 0.15 V
VOH − 0.15 V
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 5.
Test circuit for measuring switching times
001aac521
DUT
RT
VI
VO
VEXT
VCC
RL
5 k
CL
G
Table 10.
Test data
Supply voltage
Input
Load[2]
VEXT
VCC(A), VCC(B)
VI[1]
tr = tf
CL
RL[3]
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ[4]
1.65 V to 2.7 V
VCCI
≤ 3.0 ns
5 pF, 10 pF
5 k
Ω or 1 MΩ open
GND
2VCCO


Podobny numer części - 74AUP2T1326

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AUP2T1326 NEXPERIA-74AUP2T1326 Datasheet
801Kb / 17P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2 - 3 July 2012
74AUP2T1326GF NEXPERIA-74AUP2T1326GF Datasheet
801Kb / 17P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2 - 3 July 2012
More results

Podobny opis - 74AUP2T1326

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AUP2T1326 NEXPERIA-74AUP2T1326 Datasheet
801Kb / 17P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2 - 3 July 2012
logo
NXP Semiconductors
74AUP1T1326 NXP-74AUP1T1326 Datasheet
127Kb / 24P
   Low-power dual supply buffer/line driver; 3-state
Rev. 01-20 January 2009
logo
Nexperia B.V. All right...
74AUP1T1326 NEXPERIA-74AUP1T1326 Datasheet
294Kb / 25P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2.1 - 23 July 2018
logo
NXP Semiconductors
74AXP1T125GWH NXP-74AXP1T125GWH Datasheet
208Kb / 22P
   Dual supply buffer/line driver; 3-state
Rev. 1-21 December 2015
logo
Nexperia B.V. All right...
74AXP1T125 NEXPERIA-74AXP1T125 Datasheet
265Kb / 18P
   Dual supply buffer/line driver; 3-state
logo
NXP Semiconductors
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G126 NXP-74AUP2G126 Datasheet
117Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
   Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com