Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AVC2T45 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74AVC2T45
Szczegółowy opis  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC2T45 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74AVC2T45_09 Datasheet HTML 4Page - NXP Semiconductors 74AVC2T45_09 Datasheet HTML 5Page - NXP Semiconductors 74AVC2T45_09 Datasheet HTML 6Page - NXP Semiconductors 74AVC2T45_09 Datasheet HTML 7Page - NXP Semiconductors 74AVC2T45_09 Datasheet HTML 8Page - NXP Semiconductors 74AVC2T45_09 Datasheet HTML 9Page - NXP Semiconductors 74AVC2T45_09 Datasheet HTML 10Page - NXP Semiconductors 74AVC2T45_09 Datasheet HTML 11Page - NXP Semiconductors 74AVC2T45_09 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
74AVC2T45_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 5 May 2009
8 of 32
NXP Semiconductors
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Tamb = −40 °C to +125 °C
VIH
HIGH-level input
voltage
data input
[2]
VCCI = 0.8 V
0.7VCCI
--
V
VCCI = 1.1 V to 1.95 V
0.65VCCI
--
V
VCCI = 2.3 V to 2.7 V
1.6
-
-
V
VCCI = 3.0 V to 3.6 V
2.0
-
-
V
DIR input
[2]
VCCI = 0.8 V
0.7VCC(A)
--
V
VCCI = 1.1 V to 1.95 V
0.65VCC(A)
--
V
VCCI = 2.3 V to 2.7 V
1.6
-
-
V
VCCI = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input
voltage
data input
[2]
VCCI = 0.8 V
-
-
0.3VCCI
V
VCCI = 1.1 V to 1.95 V
-
-
0.35VCCI
V
VCCI = 2.3 V to 2.7 V
-
-
0.7
V
VCCI = 3.0 V to 3.6 V
-
-
0.9
V
DIR input
[2]
VCCI = 0.8 V
-
-
0.3VCC(A)
V
VCCI = 1.1 V to 1.95 V
-
-
0.35VCC(A)
V
VCCI = 2.3 V to 2.7 V
-
-
0.7
V
VCCI = 3.0 V to 3.6 V
-
-
0.9
V
VOH
HIGH-level output
voltage
VI = VIH
IO = −100 µA;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
[1] VCCO − 0.1
-
-
V
IO = −3 mA; VCC(A) = VCC(B) = 1.1 V
0.85
-
-
V
IO = −6 mA; VCC(A) = VCC(B) = 1.4 V
1.05
-
-
V
IO = −8 mA; VCC(A) = VCC(B) = 1.65 V
1.2
-
-
V
IO = −9 mA; VCC(A) = VCC(B) = 2.3 V
1.75
-
-
V
IO = −12 mA; VCC(A) = VCC(B) = 3.0 V
2.3
-
-
V
VOL
LOW-level output
voltage
VI = VIL
IO = 100 µA;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
-
-
0.1
V
IO = 3 mA; VCC(A) = VCC(B) = 1.1 V
-
-
0.25
V
IO = 6 mA; VCC(A) = VCC(B) = 1.4 V
-
-
0.35
V
IO = 8 mA; VCC(A) = VCC(B) = 1.65 V
-
-
0.45
V
IO = 9 mA; VCC(A) = VCC(B) = 2.3 V
-
-
0.55
V
IO = 12 mA; VCC(A) = VCC(B) = 3.0 V
-
-
0.7
V
II
input leakage
current
DIR input; VI = GND to VCC(A);
VCC(A) =VCC(B) = 0.8 V to 3.6 V
--
±1.5
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V). All unused data inputs of the device
must be held at VCCI or GND to ensure proper device operation.
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Podobny numer części - 74AVC2T45_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AVC2T45-Q100 NEXPERIA-74AVC2T45-Q100 Datasheet
299Kb / 20P
   Dual-bit, dual-supply voltage level translator/transceiver 3-state
logo
NXP Semiconductors
74AVC2T45DC NXP-74AVC2T45DC Datasheet
139Kb / 28P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVC2T45DC NXP-74AVC2T45DC Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
logo
Nexperia B.V. All right...
74AVC2T45DC NEXPERIA-74AVC2T45DC Datasheet
362Kb / 25P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
74AVC2T45DC-Q100 NEXPERIA-74AVC2T45DC-Q100 Datasheet
299Kb / 20P
   Dual-bit, dual-supply voltage level translator/transceiver 3-state
More results

Podobny opis - 74AVC2T45_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45 Datasheet
139Kb / 28P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVCH2T45 PHILIPS-74AVCH2T45 Datasheet
143Kb / 29P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
logo
Nexperia B.V. All right...
74AVCH2T45 NEXPERIA-74AVCH2T45 Datasheet
340Kb / 22P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
logo
NXP Semiconductors
74AVCH2T45 NXP-74AVCH2T45 Datasheet
160Kb / 31P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 03-6 May 2009
74AVC2T45 PHILIPS-74AVC2T45_15 Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
74AVCH2T45 PHILIPS-74AVCH2T45_15 Datasheet
243Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 6-2 April 2013
logo
Nexperia B.V. All right...
74AVCH2T45-Q100 NEXPERIA-74AVCH2T45-Q100 Datasheet
289Kb / 18P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 1 - 7 December 2022
logo
NXP Semiconductors
74AVC2T45DP NXP-74AVC2T45DP Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
logo
Nexperia B.V. All right...
74AVC2T45-Q100 NEXPERIA-74AVC2T45-Q100 Datasheet
299Kb / 20P
   Dual-bit, dual-supply voltage level translator/transceiver 3-state
74AVC2T45 NEXPERIA-74AVC2T45 Datasheet
362Kb / 25P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com