Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74CBTLV1G125GW Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74CBTLV1G125GW
Szczegółowy opis  Single bus switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74CBTLV1G125GW Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74CBTLV1G125GW Datasheet HTML 6Page - NXP Semiconductors 74CBTLV1G125GW Datasheet HTML 7Page - NXP Semiconductors 74CBTLV1G125GW Datasheet HTML 8Page - NXP Semiconductors 74CBTLV1G125GW Datasheet HTML 9Page - NXP Semiconductors 74CBTLV1G125GW Datasheet HTML 10Page - NXP Semiconductors 74CBTLV1G125GW Datasheet HTML 11Page - NXP Semiconductors 74CBTLV1G125GW Datasheet HTML 12Page - NXP Semiconductors 74CBTLV1G125GW Datasheet HTML 13Page - NXP Semiconductors 74CBTLV1G125GW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
74CBTLV1G125_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 23 February 2007
10 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
Measurement points are given in Table 11.
Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 12. Enable and disable times
001aad720
tPZL
tPZH
tPHZ
tPLZ
GND
GND
VI
VCC
VOL
VOH
VM
VM
VM
VX
VY
switch
disabled
switch
enabled
switch
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OE input
A or B
A or B
Table 11.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
2.3 V to 2.7 V
0.5
× VCC
0.5
× VCC
VOL + 0.15 V
VOH − 0.15 V
3.0 V to 3.6 V
0.5
× VCC
0.5
× VCC
VOL + 0.3 V
VOH − 0.3 V


Podobny numer części - 74CBTLV1G125GW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74CBTLV1G125GW PHILIPS-74CBTLV1G125GW Datasheet
121Kb / 18P
   Single bus switch
Rev. 01-2 February 2007
More results

Podobny opis - 74CBTLV1G125GW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125 Datasheet
121Kb / 18P
   Single bus switch
Rev. 01-2 February 2007
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU Datasheet
104Kb / 6P
   Single Bus Switch
TC7SB66FU TOSHIBA-TC7SB66FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125_15 Datasheet
266Kb / 21P
   Single bus switch
Rev. 4-5 September 2012
logo
Toshiba Semiconductor
TC7SB385FU TOSHIBA-TC7SB385FU Datasheet
103Kb / 6P
   Single Bus Switch
TC7SB384FU TOSHIBA-TC7SB384FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
TC7SB385FU TOSHIBA-TC7SB385FU_07 Datasheet
164Kb / 6P
   Single Bus Switch
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
logo
Pericom Semiconductor C...
PI5C3302 PERICOM-PI5C3302 Datasheet
57Kb / 3P
   Single Bit Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com