Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G00 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74HCT1G00
Szczegółowy opis  2-input NAND gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT1G00 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74HCT1G00 Datasheet HTML 1Page - NXP Semiconductors 74HCT1G00 Datasheet HTML 2Page - NXP Semiconductors 74HCT1G00 Datasheet HTML 3Page - NXP Semiconductors 74HCT1G00 Datasheet HTML 4Page - NXP Semiconductors 74HCT1G00 Datasheet HTML 5Page - NXP Semiconductors 74HCT1G00 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G00 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G00 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G00 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74HC_HCT1G00_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 11 July 2007
5 of 10
NXP Semiconductors
74HC1G00; 74HCT1G00
2-input NAND gate
11. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL.
[2]
CPD is used to determine the dynamic power dissipation PD (µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
∑ (C
L × VCC
2
× f
o) = sum of outputs
12. Waveforms
Table 8.
Dynamic characteristics
GND = 0 V; tr = tf ≤ 6.0 ns; All typical values are measured at Tamb =25 °C. For test circuit see Figure 6
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
For type 74HC1G00
tpd
propagation delay A and B to Y; see Figure 5
[1]
VCC = 2.0 V; CL = 50 pF
-
25
115
-
135
ns
VCC = 4.5 V; CL =50pF
-
9
23
-
27
ns
VCC = 5.0 V; CL =15pF
-
7
-
-
-
ns
VCC = 6.0 V; CL =50pF
-
8
20
-
23
ns
CPD
power dissipation
capacitance
VI = GND to VCC
[2]
-19-
-
-
pF
For type 74HCT1G00
tpd
propagation delay A and B to Y; see Figure 5
[1]
VCC = 4.5 V; CL = 50 pF
-
12
24
-
27
ns
VCC = 5.0 V; CL =15pF
-
10
-
-
-
ns
CPD
power dissipation
capacitance
VI = GND to VCC − 1.5 V
[2]
-21-
-
-
pF
For HC1G: VM = 0.5 × VCC; VI = GND to VCC
For HCT1G: VM = 1.3 V; VI = GND to 3.0 V
Test data is given in Table 8.
CL = Load capacitance including jig and probe
capacitance.
RT = Termination resistance should be equal to
output impedance Zo of the pulse generator.
Fig 5.
Input to output propagation delays
Fig 6.
Load circuitry for switching times
mna100
A, B input
Y output
tPHL
tPLH
VM
VM
mna101
VCC
VI
VO
RT
CL
PULSE
GENERATOR
DUT


Podobny numer części - 74HCT1G00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT1G00 PHILIPS-74HCT1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 15
logo
Nexperia B.V. All right...
74HCT1G00 NEXPERIA-74HCT1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
74HCT1G00-Q100 NEXPERIA-74HCT1G00-Q100 Datasheet
205Kb / 10P
   2-input NAND gate
Rev. 2 - 21 January 2022
logo
NXP Semiconductors
74HCT1G00GV PHILIPS-74HCT1G00GV Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 15
logo
Nexperia B.V. All right...
74HCT1G00GV NEXPERIA-74HCT1G00GV Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
More results

Podobny opis - 74HCT1G00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
logo
NXP Semiconductors
74AHC1G00 NXP-74AHC1G00 Datasheet
77Kb / 11P
   2-input NAND gate
Rev. 06-30 May 2007
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
   2-INPUT NAND GATE
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
   2-input NAND Gate
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com