Zakładka z wyszukiwarką danych komponentów |
|
74HCT00D Arkusz danych(PDF) 8 Page - NXP Semiconductors |
|
74HCT00D Arkusz danych(HTML) 8 Page - NXP Semiconductors |
8 / 15 page 74HC_HCT00_4 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 04 — 11 January 2010 8 of 15 NXP Semiconductors 74HC00; 74HCT00 Quad 2-input NAND gate 12. Package outline Fig 8. Package outline SOT27-1 (DIP14) UNIT A max. 1 2 (1) (1) b1 cD (1) Z Ee MH L REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm inches DIMENSIONS (inch dimensions are derived from the original mm dimensions) SOT27-1 99-12-27 03-02-13 A min. A max. b max. w M E e 1 1.73 1.13 0.53 0.38 0.36 0.23 19.50 18.55 6.48 6.20 3.60 3.05 0.254 2.54 7.62 8.25 7.80 10.0 8.3 2.2 4.2 0.51 3.2 0.068 0.044 0.021 0.015 0.77 0.73 0.014 0.009 0.26 0.24 0.14 0.12 0.01 0.1 0.3 0.32 0.31 0.39 0.33 0.087 0.17 0.02 0.13 050G04 MO-001 SC-501-14 MH c (e ) 1 ME A L A1 w M b1 e D A2 Z 14 1 8 7 b E pin 1 index 0 5 10 mm scale Note 1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. DIP14: plastic dual in-line package; 14 leads (300 mil) SOT27-1 |
Podobny numer części - 74HCT00D |
|
Podobny opis - 74HCT00D |