Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G14 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74HCT1G14
Szczegółowy opis  Inverting Schmitt trigger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT1G14 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74HCT1G14 Datasheet HTML 1Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 2Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 3Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 4Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 5Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74HC_HCT1G14_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 17 July 2007
3 of 14
NXP Semiconductors
74HC1G14; 74HCT1G14
Inverting Schmitt trigger
8.
Functional description
9.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
Above 55
°C the value of P
tot derates linearly with 2.5 mW/K.
10. Recommended operating conditions
Table 4.
Function table
H = HIGH voltage level; L = LOW voltage level
Input
Output
A
Y
LH
HL
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). [1]
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V or VI >VCC + 0.5 V
-
±20
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
-
±20
mA
IO
output current
−0.5 V < VO <VCC + 0.5 V
-
±12.5
mA
ICC
supply current
-
25
mA
IGND
ground current
−25
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
200
mW
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
74HC1G14
74HCT1G14
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
−40
+25
+125
−40
+25
+125
°C


Podobny numer części - 74HCT1G14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT1G14 PHILIPS-74HCT1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
logo
Nexperia B.V. All right...
74HCT1G14 NEXPERIA-74HCT1G14 Datasheet
240Kb / 14P
   Inverting Schmitt trigger
Rev. 7 - 17 January 2022
logo
NXP Semiconductors
74HCT1G14GV PHILIPS-74HCT1G14GV Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HCT1G14GV NXP-74HCT1G14GV Datasheet
131Kb / 16P
   Inverting Schmitt trigger
Rev. 6-27 December 2012
74HCT1G14GV PHILIPS-74HCT1G14GV Datasheet
131Kb / 16P
   Inverting Schmitt trigger Rev. 6 ??27 December 2012
Rev. 6-27 December 2012
More results

Podobny opis - 74HCT1G14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com