Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G14 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74HCT1G14
Szczegółowy opis  Inverting Schmitt trigger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT1G14 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74HCT1G14 Datasheet HTML 1Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 2Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 3Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 4Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 5Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
74HC_HCT1G14_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 17 July 2007
4 of 14
NXP Semiconductors
74HC1G14; 74HCT1G14
Inverting Schmitt trigger
11. Static characteristics
Table 7.
Static characteristics
Voltages are referenced to GND (ground = 0 V). All typical values are measured at Tamb =25 °C.
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
For type 74HC1G14
VOH
HIGH-level output
voltage
VI = VIH or VIL
IO = −20 µA; VCC = 2.0 V
1.9
2.0
-
1.9
-
V
IO = −20 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
V
IO = −20 µA; VCC = 6.0 V
5.9
6.0
-
5.9
-
V
IO = −2.0 mA; VCC = 4.5 V
4.13
4.32
-
3.7
-
V
IO = −2.6 mA; VCC = 6.0 V
5.63
5.81
-
5.2
-
V
VOL
LOW-level output
voltage
VI = VIH or VIL
IO = 20 µA; VCC = 2.0 V
-
0
0.1
-
0.1
V
IO = 20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
V
IO = 20 µA; VCC = 6.0 V
-
0
0.1
-
0.1
V
IO = 2.0 mA; VCC = 4.5 V
-
0.15
0.33
-
0.4
V
IO = 2.6 mA; VCC = 6.0 V
-
0.16
0.33
-
0.4
V
II
input leakage current
VI =VCC or GND; VCC = 6.0 V
-
-
1.0
-
1.0
µA
ICC
supply current
VI =VCC or GND; IO =0A;
VCC = 6.0 V
-
-
10
-
20
µA
CI
input capacitance
-
1.5
-
-
-
pF
VT+
positive-going
threshold voltage
see Figure 7 and 8
VCC = 2.0 V
0.7
1.09
1.5
0.7
1.5
V
VCC = 4.5 V
1.7
2.36
3.15
1.7
3.15
V
VCC = 6.0 V
2.1
3.12
4.2
2.1
4.2
V
VT−
negative-going
threshold voltage
see Figure 7 and 8
VCC = 2.0 V
0.3
0.60
0.9
0.3
0.9
V
VCC = 4.5 V
0.9
1.53
2.0
0.9
2.0
V
VCC = 6.0 V
1.2
2.08
2.6
1.2
2.6
V
VH
hysteresis voltage
see Figure 7 and 8
VCC = 2.0 V
0.2
0.48
1.0
0.2
1.0
V
VCC = 4.5 V
0.4
0.83
1.4
0.4
1.4
V
VCC = 6.0 V
0.6
1.04
1.6
0.6
1.6
V
For type 74HCT1G14
VOH
HIGH-level output
voltage
VI = VIH or VIL
IO = −20 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
V
IO = −2.0 mA; VCC = 4.5 V
4.13
4.32
-
3.7
-
V
VOL
LOW-level output
voltage
VI = VIH or VIL
IO = 20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
V
IO = 2.0 mA; VCC = 4.5 V
-
0.15
0.33
-
0.4
V
II
input leakage current
VI =VCC or GND; VCC = 5.5 V
-
-
1.0
-
1.0
µA


Podobny numer części - 74HCT1G14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT1G14 PHILIPS-74HCT1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
logo
Nexperia B.V. All right...
74HCT1G14 NEXPERIA-74HCT1G14 Datasheet
240Kb / 14P
   Inverting Schmitt trigger
Rev. 7 - 17 January 2022
logo
NXP Semiconductors
74HCT1G14GV PHILIPS-74HCT1G14GV Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HCT1G14GV NXP-74HCT1G14GV Datasheet
131Kb / 16P
   Inverting Schmitt trigger
Rev. 6-27 December 2012
74HCT1G14GV PHILIPS-74HCT1G14GV Datasheet
131Kb / 16P
   Inverting Schmitt trigger Rev. 6 ??27 December 2012
Rev. 6-27 December 2012
More results

Podobny opis - 74HCT1G14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com