Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G14 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74HCT1G14
Szczegółowy opis  Inverting Schmitt trigger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT1G14 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT1G14 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 9Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 10Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 11Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 12Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 13Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
74HC_HCT1G14_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 17 July 2007
11 of 14
NXP Semiconductors
74HC1G14; 74HCT1G14
Inverting Schmitt trigger
Fig 18. Package outline SOT753 (SC-74A)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT753
SC-74A
wB
M
bp
D
e
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
Plastic surface-mounted package; 5 leads
SOT753
UNIT
A1
bp
cD
E
HE
Lp
Qy
w
v
mm
0.100
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
02-04-16
06-03-16


Podobny numer części - 74HCT1G14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT1G14 PHILIPS-74HCT1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
logo
Nexperia B.V. All right...
74HCT1G14 NEXPERIA-74HCT1G14 Datasheet
240Kb / 14P
   Inverting Schmitt trigger
Rev. 7 - 17 January 2022
logo
NXP Semiconductors
74HCT1G14GV PHILIPS-74HCT1G14GV Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HCT1G14GV NXP-74HCT1G14GV Datasheet
131Kb / 16P
   Inverting Schmitt trigger
Rev. 6-27 December 2012
74HCT1G14GV PHILIPS-74HCT1G14GV Datasheet
131Kb / 16P
   Inverting Schmitt trigger Rev. 6 ??27 December 2012
Rev. 6-27 December 2012
More results

Podobny opis - 74HCT1G14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com