Zakładka z wyszukiwarką danych komponentów |
|
74HCT1G32GV Arkusz danych(PDF) 3 Page - NXP Semiconductors |
|
74HCT1G32GV Arkusz danych(HTML) 3 Page - NXP Semiconductors |
3 / 11 page 74HC_HCT1G32_5 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 05 — 14 March 2008 3 of 11 NXP Semiconductors 74HC1G32; 74HCT1G32 2-input OR gate 7. Functional description 8. Limiting values [1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] Above 55 °C the value of P tot derates linearly with 2.5 mW/K. 9. Recommended operating conditions Table 4. Function table H = HIGH voltage level; L = LOW voltage level Inputs Output A B Y LLL LH H HL H HHH Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). [1] Symbol Parameter Conditions Min Max Unit VCC supply voltage −0.5 +7.0 V IIK input clamping current VI < −0.5 V or VI >VCC + 0.5 V - ±20 mA IOK output clamping current VO < −0.5 V or VO >VCC + 0.5 V - ±20 mA IO output current −0.5 V < VO <VCC + 0.5 V - ±12.5 mA ICC supply current - 25 mA IGND ground current −25 - mA Tstg storage temperature −65 +150 °C Ptot total power dissipation Tamb = −40 °C to +125 °C [2] - 200 mW Table 6. Recommended operating conditions Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions 74HC1G32 74HCT1G32 Unit Min Typ Max Min Typ Max VCC supply voltage 2.0 5.0 6.0 4.5 5.0 5.5 V VI input voltage 0 - VCC 0- VCC V VO output voltage 0 - VCC 0- VCC V Tamb ambient temperature −40 +25 +125 −40 +25 +125 °C ∆t/∆V input transition rise and fall rate VCC = 2.0 V - - 625 - - - ns/V VCC = 4.5 V - - 139 - - 139 ns/V VCC = 6.0 V - - 83 - - - ns/V |
Podobny numer części - 74HCT1G32GV |
|
Podobny opis - 74HCT1G32GV |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |