Zakładka z wyszukiwarką danych komponentów |
|
74HCT1G66GV Arkusz danych(PDF) 8 Page - NXP Semiconductors |
|
74HCT1G66GV Arkusz danych(HTML) 8 Page - NXP Semiconductors |
8 / 18 page 74HC_HCT1G66_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 19 December 2008 8 of 18 NXP Semiconductors 74HC1G66; 74HCT1G66 Single-pole single-throw analog switch [1] All typical values are measured at Tamb =25 °C. [2] tpd is the same as tPLH and tPHL. ten is the same as tPZL and tPZH. tdis is the same as tPLZ and tPHZ. [3] CPD is used to determine the dynamic power dissipation PD (µW). PD =CPD × VCC2 × fi + Σ ((CL × CSW) × VCC2 × fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; CSW = maximum switch capacitance in pF (see Table 7); VCC = supply voltage in Volt; Σ ((C L × CSW) × VCC 2 × f o) = sum of outputs. tdis disable time E to Y or Z; see Figure 9 [2] VCC = 2.0 V - 27 190 - 225 ns VCC = 4.5 V - 16 38 - 45 ns VCC = 5.0 V; CL =15pF - 11 - - - ns VCC = 6.0 V - 14 33 - 38 ns VCC = 9.0 V - 12 16 - 20 ns CPD power dissipation capacitance VI = GND to VCC [3] -9- - - pF 74HCT1G66 tpd propagation delay Y to Z or Z to Y; RL = ∞Ω; see Figure 8 [2] VCC = 4.5 V - 3 15 - 18 ns ten enable time E to Y or Z; see Figure 9 [2] VCC = 4.5 V - 15 30 - 36 ns VCC = 5.0 V; CL =15pF - 12 - - - ns tdis disable time E to Y or Z; see Figure 9 [2] VCC = 4.5 V - 13 44 - 53 ns VCC = 5.0 V; CL =15pF - 12 - - - ns CPD power dissipation capacitance VI = GND to VCC − 1.5 V [3] -9- - - pF Table 9. Dynamic characteristics …continued Voltages are referenced to GND (ground = 0 V); CL = 50 pF; RL =1 kΩ, unless otherwise specified; For test circuit see Figure 10. Symbol Parameter Conditions −40 °C to +85 °C −40 °C to +125 °C Unit Min Typ[1] Max Min Max |
Podobny numer części - 74HCT1G66GV |
|
Podobny opis - 74HCT1G66GV |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |