Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G66GV Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74HCT1G66GV
Szczegółowy opis  Single-pole single-throw analog switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT1G66GV Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74HCT1G66GV Datasheet HTML 1Page - NXP Semiconductors 74HCT1G66GV Datasheet HTML 2Page - NXP Semiconductors 74HCT1G66GV Datasheet HTML 3Page - NXP Semiconductors 74HCT1G66GV Datasheet HTML 4Page - NXP Semiconductors 74HCT1G66GV Datasheet HTML 5Page - NXP Semiconductors 74HCT1G66GV Datasheet HTML 6Page - NXP Semiconductors 74HCT1G66GV Datasheet HTML 7Page - NXP Semiconductors 74HCT1G66GV Datasheet HTML 8Page - NXP Semiconductors 74HCT1G66GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
74HC1G66 and 74HCT1G66 are high-speed Si-gate CMOS devices. They are single-pole
single-throw analog switches. The switch has two input/output pins (Y and Z) and an
active HIGH enable input pin (E). When pin E is LOW, the analog switch is turned off.
The non-standard output currents are equal to those of the 74HC4066 and 74HCT4066.
2.
Features
I Wide supply voltage range from 2.0 V to 10.0 V for the 74HC1G66
I Very low ON resistance:
N 45 Ω (typ.) at VCC = 4.5 V
N 30 Ω (typ.) at VCC = 6.0 V
N 25 Ω (typ.) at VCC = 9.0 V
I High noise immunity
I Low power dissipation
I Multiple package options
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Specified from −40 °Cto+85 °C and −40 °C to +125 °C
3.
Ordering information
74HC1G66; 74HCT1G66
Single-pole single-throw analog switch
Rev. 04 — 19 December 2008
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC1G66GW
−40 °C to +125 °C
TSSOP5
plastic thin shrink small outline package;
5 leads; body width 1.25 mm
SOT353-1
74HCT1G66GW
74HC1G66GV
−40 °C to +125 °C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
74HCT1G66GV


Podobny numer części - 74HCT1G66GV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT1G66GV PHILIPS-74HCT1G66GV Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
logo
Nexperia B.V. All right...
74HCT1G66GV NEXPERIA-74HCT1G66GV Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
74HCT1G66GV-Q100 NEXPERIA-74HCT1G66GV-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
More results

Podobny opis - 74HCT1G66GV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
74AHCAHC1G66-Q100 NEXPERIA-74AHCAHC1G66-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
logo
NXP Semiconductors
74AHC_AHCT1G66 PHILIPS-74AHC_AHCT1G66_15 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com