Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC2G00DP Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74HC2G00DP
Szczegółowy opis  Dual 2-input NAND gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G00DP Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74HC2G00DP Datasheet HTML 1Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 2Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 3Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 4Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 5Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 6Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 7Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 8Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
74HC_HCT2G00_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 3 July 2008
4 of 13
NXP Semiconductors
74HC2G00; 74HCT2G00
Dual 2-input NAND gate
9.
Recommended operating conditions
10. Static characteristics
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
74HC2G00
74HCT2G00
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
−40
+25
+125
−40
+25
+125
°C
∆t/∆V
input transition rise
and fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
-
-
-
ns/V
Table 7.
Static characteristics
Voltages are referenced to GND (ground = 0 V). All typical values are measured at Tamb =25 °C.
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
74HC2G00
VIH
HIGH-level input
voltage
VCC = 2.0 V
1.5
1.2
-
1.5
-
V
VCC = 4.5 V
3.15
2.4
-
3.15
-
V
VCC = 6.0 V
4.2
3.2
-
4.2
-
V
VIL
LOW-level input
voltage
VCC = 2.0 V
-
0.8
0.5
-
0.5
V
VCC = 4.5 V
-
2.1
1.35
-
1.35
V
VCC = 6.0 V
-
2.8
1.8
-
1.8
V
VOH
HIGH-level output
voltage
VI = VIH or VIL
IO = −20 µA; VCC = 2.0 V
1.9
2.0
-
1.9
-
V
IO = −20 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
V
IO = −20 µA; VCC = 6.0 V
5.9
6.0
-
5.9
-
V
IO = −4.0 mA; VCC = 4.5 V
4.13
4.32
-
3.7
-
V
IO = −5.2 mA; VCC = 6.0 V
5.63
5.81
-
5.2
-
V
VOL
LOW-level output
voltage
VI = VIH or VIL
IO = 20 µA; VCC = 2.0 V
-
0
0.1
-
0.1
V
IO = 20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
V
IO = 20 µA; VCC = 6.0 V
-
0
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.33
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.33
-
0.4
V
II
input leakage current
VI =VCC or GND; VCC = 6.0 V
-
-
±1.0
-
±1.0
µA
ICC
supply current
per input pin; VI =VCC or GND;
IO = 0 A; VCC = 6.0 V
-
-
10
-
20
µA
CI
input capacitance
-
1.5
-
-
-
pF


Podobny numer części - 74HC2G00DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC2G00DP PHILIPS-74HC2G00DP Datasheet
82Kb / 16P
   Dual 2-input NAND gate
2003 Feb 12
logo
Nexperia B.V. All right...
74HC2G00DP NEXPERIA-74HC2G00DP Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
74HC2G00DP-Q100 NEXPERIA-74HC2G00DP-Q100 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
74HC2G00DP-Q100 NEXPERIA-74HC2G00DP-Q100 Datasheet
207Kb / 11P
   Dual 2-input NAND gate
Rev. 2 - 20 November 2018
More results

Podobny opis - 74HC2G00DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
NL27WZ00 ONSEMI-NL27WZ00_13 Datasheet
125Kb / 6P
   Dual 2-Input NAND Gate
July, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74HCT2G00 NEXPERIA-74HCT2G00 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
logo
Toshiba Semiconductor
TC7W00FK TOSHIBA-TC7W00FK_09 Datasheet
221Kb / 8P
   Dual 2-Input NAND Gate
logo
NXP Semiconductors
74LVC2G00DC-G NXP-74LVC2G00DC-G Datasheet
279Kb / 20P
   Dual 2-input NAND gate
Rev. 12-8 April 2013
logo
Nexperia B.V. All right...
74AHC2G00-Q100 NEXPERIA-74AHC2G00-Q100 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00_V01 Datasheet
184Kb / 12P
   Dual 2-Input NAND Gate
March, 2022 - Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com