Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT2G66GD Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74HCT2G66GD
Szczegółowy opis  Dual single-pole single-throw analog switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT2G66GD Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74HCT2G66GD Datasheet HTML 1Page - NXP Semiconductors 74HCT2G66GD Datasheet HTML 2Page - NXP Semiconductors 74HCT2G66GD Datasheet HTML 3Page - NXP Semiconductors 74HCT2G66GD Datasheet HTML 4Page - NXP Semiconductors 74HCT2G66GD Datasheet HTML 5Page - NXP Semiconductors 74HCT2G66GD Datasheet HTML 6Page - NXP Semiconductors 74HCT2G66GD Datasheet HTML 7Page - NXP Semiconductors 74HCT2G66GD Datasheet HTML 8Page - NXP Semiconductors 74HCT2G66GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
74HC2G66 and 74HCT2G66 are high-speed Si-gate CMOS devices. They are dual
single-pole single-throw analog switches. Each switch has two input/output pins
(nY and nZ) and an active HIGH enable input pin (nE). When pin nE is LOW, the analog
switch is turned off.
2.
Features and benefits
Wide supply voltage range from 2.0 V to 10.0 V for 74HC2G66
Very low ON resistance:
41
Ω (typ.) at V
CC =4.5 V
30
Ω (typ.) at V
CC =6.0 V
21
Ω (typ.) at V
CC =9.0 V
High noise immunity
Low power dissipation
25 mA continuous switch current
Multiple package options
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
Specified from
−40 °Cto+85 °C and −40 °Cto+125 °C
3.
Ordering information
74HC2G66; 74HCT2G66
Dual single-pole single-throw analog switch
Rev. 06 — 2 April 2010
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC2G66DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8
leads; body width 3 mm; lead length 0.5 mm
SOT505-2
74HCT2G66DP
74HC2G66DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8
leads; body width 2.3 mm
SOT765-1
74HCT2G66DC
74HC2G66GD
−40 °C to +125 °C
XSON8U
plastic extremely thin small outline package; no
leads; 8 terminals; UTLP based; body 3
× 2 ×
0.5 mm
SOT996-2
74HCT2G66GD


Podobny numer części - 74HCT2G66GD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT2G66GD NXP-74HCT2G66GD Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
More results

Podobny opis - 74HCT2G66GD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT2G66 NEXPERIA-74HCT2G66 Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
74HCT2G66-Q100 NEXPERIA-74HCT2G66-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
logo
NXP Semiconductors
74HC2G66GT NXP-74HC2G66GT Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
74HC_HCT2G66 PHILIPS-74HC_HCT2G66_15 Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74HC2G66-Q100 NEXPERIA-74HC2G66-Q100 Datasheet
274Kb / 17P
   Dual single-pole single-throw analog switch
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com