Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC2G126 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74HC2G126
Szczegółowy opis  Dual buffer/line driver; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G126 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74HC2G126 Datasheet HTML 4Page - NXP Semiconductors 74HC2G126 Datasheet HTML 5Page - NXP Semiconductors 74HC2G126 Datasheet HTML 6Page - NXP Semiconductors 74HC2G126 Datasheet HTML 7Page - NXP Semiconductors 74HC2G126 Datasheet HTML 8Page - NXP Semiconductors 74HC2G126 Datasheet HTML 9Page - NXP Semiconductors 74HC2G126 Datasheet HTML 10Page - NXP Semiconductors 74HC2G126 Datasheet HTML 11Page - NXP Semiconductors 74HC2G126 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
74HC_HCT2G126_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 24 September 2009
8 of 14
NXP Semiconductors
74HC2G126; 74HCT2G126
Dual buffer/line driver; 3-state
Test data is given in Table 10.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 8.
Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Table 10.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
74HC2G126
GND to VCC
≤ 6 ns
15 pF, 50 pF
1 k
open
GND
VCC
74HCT2G126
GND to 3 V
≤ 6 ns
15 pF, 50 pF
1 k
open
GND
VCC


Podobny numer części - 74HC2G126

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC2G126 PHILIPS-74HC2G126 Datasheet
91Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
74HC2G126DC PHILIPS-74HC2G126DC Datasheet
91Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
74HC2G126DP PHILIPS-74HC2G126DP Datasheet
91Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
More results

Podobny opis - 74HC2G126

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com