Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT2G126 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74HCT2G126
Szczegółowy opis  Dual buffer/line driver; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT2G126 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT2G126 Datasheet HTML 3Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 4Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 5Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 6Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 7Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 8Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 9Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 10Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
74HC_HCT2G126_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 24 September 2009
7 of 14
NXP Semiconductors
74HC2G126; 74HCT2G126
Dual buffer/line driver; 3-state
12. Waveforms
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Propagation delay input (nA) to output (nY) and transition time output (nY)
mna948
nA input
nY output
tPHL
tPLH
GND
VI
VM
VOH
VOL
tTHL
tTLH
VM
VI
90%
10%
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
Enable and disable times
mna949
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VOL
VOH
VCC
VI
VM
GND
GND
tPZL
tPZH
VM
VM
Table 9.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74HC2G126
0.5VCC
0.5VCC
VOL + 0.3 V
VOH − 0.3 V
74HCT2G126
1.3 V
1.3 V
VOL + 0.3 V
VOH − 0.3 V


Podobny numer części - 74HCT2G126

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT2G126 PHILIPS-74HCT2G126 Datasheet
91Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
74HCT2G126DC PHILIPS-74HCT2G126DC Datasheet
91Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
74HCT2G126DP PHILIPS-74HCT2G126DP Datasheet
91Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
More results

Podobny opis - 74HCT2G126

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com