Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC3G06DP Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74HC3G06DP
Szczegółowy opis  Triple inverter with open-drain outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC3G06DP Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74HC3G06DP Datasheet HTML 1Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 2Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 3Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 4Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 5Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 6Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 7Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 8Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
74HC_HCT3G06_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 11 May 2009
3 of 13
NXP Semiconductors
74HC3G06; 74HCT3G06
Triple inverter with open-drain outputs
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF-state.
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP8 package: above 55
°C the value of P
tot derates linearly with 2.5 mW/K.
For VSSOP8 package: above 110
°C the value of P
tot derates linearly with 8 mW/K.
For XSON8U package: above 118
°C the value of P
tot derates linearly with 7.8 mW/K.
Table 3.
Pin description
Symbol
Pin
Description
1A, 2A, 3A
1, 3, 6
data input
GND
4
ground (0 V)
1Y, 2Y, 3Y
7, 5, 2
data output
VCC
8
supply voltage
Table 4.
Function table[1]
Input nA
Output nY
LZ
HL
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
7.0
V
IIK
input clamping current
VI < −0.5 V or VI >VCC + 0.5 V
[1] -
±20
mA
IOK
output clamping current
VO < −0.5 V
[1]
−20
-
mA
VO
output voltage
active mode
[1]
−0.5
VCC + 0.5
V
high-impedance mode
[1]
−0.5
7.0
V
IO
output current
VO = −0.5 V to 7.0 V
[1] -25
mA
ICC
supply current
[1] -50
mA
IGND
ground current
[1]
−50
-
mA
Tstg
storage temperature
−65
+150
°C
PD
dynamic power dissipation
Tamb = −40 °C to +125 °C
[2] -
300
mW


Podobny numer części - 74HC3G06DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC3G06DP PHILIPS-74HC3G06DP Datasheet
88Kb / 14P
   Inverter with open-drain outputs
2003 Dec 02
More results

Podobny opis - 74HC3G06DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06 Datasheet
88Kb / 8P
   Triple Inverter with Open Drain Outputs
August, 2003 ??Rev. 2
NL37WZ06 ONSEMI-NL37WZ06_V01 Datasheet
162Kb / 11P
   Triple Inverter with Open Drain Outputs
June, 2022 - Rev. 10
logo
NXP Semiconductors
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
   Triple inverter with open-drain outputs
Rev. 4-19 December 2013
logo
Diodes Incorporated
74LVC3G06 DIODES-74LVC3G06 Datasheet
546Kb / 8P
   TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 1 - 2
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_12 Datasheet
107Kb / 5P
   Triple Inverter with Open Drain Outputs
April, 2012 ??Rev. 6
logo
Nexperia B.V. All right...
74HCT3G06 NEXPERIA-74HCT3G06 Datasheet
194Kb / 10P
   Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_06 Datasheet
74Kb / 5P
   Triple Inverter with Open Drain Outputs
April, 2006 ??Rev. 4
logo
Texas Instruments
SN74LVC3G06 TI1-SN74LVC3G06_16 Datasheet
844Kb / 16P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI1-SN74LVC3G06_17 Datasheet
937Kb / 18P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI-SN74LVC3G06 Datasheet
319Kb / 12P
[Old version datasheet]   TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com