Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC3G07DC Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74HC3G07DC
Szczegółowy opis  Triple buffer with open-drain outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC3G07DC Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74HC3G07DC Datasheet HTML 5Page - NXP Semiconductors 74HC3G07DC Datasheet HTML 6Page - NXP Semiconductors 74HC3G07DC Datasheet HTML 7Page - NXP Semiconductors 74HC3G07DC Datasheet HTML 8Page - NXP Semiconductors 74HC3G07DC Datasheet HTML 9Page - NXP Semiconductors 74HC3G07DC Datasheet HTML 10Page - NXP Semiconductors 74HC3G07DC Datasheet HTML 11Page - NXP Semiconductors 74HC3G07DC Datasheet HTML 12Page - NXP Semiconductors 74HC3G07DC Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
74HC_HCT3G07_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 May 2009
9 of 13
NXP Semiconductors
74HC3G07; 74HCT3G07
Triple buffer with open-drain outputs
Fig 9.
Package outline SOT765-1 (VSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(2)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.85
0.60
0.27
0.17
0.23
0.08
2.1
1.9
2.4
2.2
0.5
3.2
3.0
0.4
0.1
8
°
0
°
0.13
0.1
0.2
0.4
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.40
0.15
Q
0.21
0.19
SOT765-1
MO-187
02-06-07
w M
bp
D
Z
e
0.12
14
8
5
θ
A2
A1
Q
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
SOT765-1
1
pin 1 index


Podobny numer części - 74HC3G07DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HC3G07DC NEXPERIA-74HC3G07DC Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
74HC3G07DC-Q100 NEXPERIA-74HC3G07DC-Q100 Datasheet
210Kb / 12P
   Triple buffer with open-drain outputs
74HC3G07DC-Q100 NEXPERIA-74HC3G07DC-Q100 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 3 - 24 January 2019
More results

Podobny opis - 74HC3G07DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_06 Datasheet
71Kb / 5P
   Triple Buffer with Open Drain Outputs
April, 2006 ??Rev. 5
logo
Nexperia B.V. All right...
74HC3G07-Q100 NEXPERIA-74HC3G07-Q100 Datasheet
210Kb / 12P
   Triple buffer with open-drain outputs
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_V01 Datasheet
158Kb / 11P
   Triple Buffer with Open Drain Outputs
March, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G07 DIODES-74LVC3G07 Datasheet
545Kb / 8P
   TRIPLE BUFFER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 2 - 2
logo
Nexperia B.V. All right...
74HCT3G07 NEXPERIA-74HCT3G07 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
logo
NXP Semiconductors
74HC_HCT3G07 PHILIPS-74HC_HCT3G07_15 Datasheet
185Kb / 14P
   Triple buffer with open-drain outputs
Rev. 4-16 December 2013
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07 Datasheet
81Kb / 8P
   Triple Buffer with Open Drain Outputs
August, 2003 ??Rev. 2
NL37WZ07 ONSEMI-NL37WZ07_12 Datasheet
108Kb / 5P
   Triple Buffer with Open Drain Outputs
April, 2012 ??Rev. 8
logo
Nexperia B.V. All right...
74HCT3G07-Q100 NEXPERIA-74HCT3G07-Q100 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 3 - 24 January 2019
logo
Texas Instruments
SN74LVC3G07 TI-SN74LVC3G07 Datasheet
342Kb / 13P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com