Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT3G34 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74HCT3G34
Szczegółowy opis  Triple buffer gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT3G34 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74HCT3G34 Datasheet HTML 1Page - NXP Semiconductors 74HCT3G34 Datasheet HTML 2Page - NXP Semiconductors 74HCT3G34 Datasheet HTML 3Page - NXP Semiconductors 74HCT3G34 Datasheet HTML 4Page - NXP Semiconductors 74HCT3G34 Datasheet HTML 5Page - NXP Semiconductors 74HCT3G34 Datasheet HTML 6Page - NXP Semiconductors 74HCT3G34 Datasheet HTML 7Page - NXP Semiconductors 74HCT3G34 Datasheet HTML 8Page - NXP Semiconductors 74HCT3G34 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
74HC_HCT3G34_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 7 May 2009
4 of 13
NXP Semiconductors
74HC3G34; 74HCT3G34
Triple buffer gate
9.
Recommended operating conditions
10. Static characteristics
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
74HC3G34
74HCT3G34
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
−40
+25
+125
−40
+25
+125
°C
∆t/∆V
input transition rise
and fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
-
-
-
ns/V
Table 7.
Static characteristics
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
74HC3G34
VIH
HIGH-level input
voltage
VCC = 2.0 V
1.5
1.2
-
1.5
-
V
VCC = 4.5 V
3.15
2.4
-
3.15
-
V
VCC = 6.0 V
4.2
3.2
-
4.2
-
V
VIL
LOW-level input
voltage
VCC = 2.0 V
-
0.8
0.5
-
0.5
V
VCC = 4.5 V
-
2.1
1.35
-
1.35
V
VCC = 6.0 V
-
2.8
1.8
-
1.8
V
VOH
HIGH-level output
voltage
VI = VIH or VIL
IO = −20 µA; VCC = 2.0 V
1.9
2.0
-
1.9
-
V
IO = −20 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
V
IO = −20 µA; VCC = 6.0 V
5.9
6.0
-
5.9
-
V
IO = −4.0 mA; VCC = 4.5 V
4.13
4.32
-
3.7
-
V
IO = −5.2 mA; VCC = 6.0 V
5.63
5.81
-
5.2
-
V
VOL
LOW-level output
voltage
VI = VIH or VIL
IO = 20 µA; VCC = 2.0 V
-
0
0.1
-
0.1
V
IO = 20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
V
IO = 20 µA; VCC = 6.0 V
-
0
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.33
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.33
-
0.4
V
II
input leakage current
VI =VCC or GND; VCC = 6.0 V
-
-
±1.0
-
±1.0
µA
ICC
supply current
per input pin; VI =VCC or GND;
IO = 0 A; VCC = 6.0 V
-
-
10
-
20
µA
CI
input capacitance
-
1.5
-
-
-
pF


Podobny numer części - 74HCT3G34

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT3G34 PHILIPS-74HCT3G34 Datasheet
81Kb / 16P
   Triple Buffer Gate
2003 May 19
logo
Nexperia B.V. All right...
74HCT3G34 NEXPERIA-74HCT3G34 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 7 - 11 June 2018
74HCT3G34-Q100 NEXPERIA-74HCT3G34-Q100 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 2 - 11 June 2018
logo
NXP Semiconductors
74HCT3G34DC PHILIPS-74HCT3G34DC Datasheet
81Kb / 16P
   Triple Buffer Gate
2003 May 19
logo
Nexperia B.V. All right...
74HCT3G34DC NEXPERIA-74HCT3G34DC Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 7 - 11 June 2018
More results

Podobny opis - 74HCT3G34

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC3G34 PHILIPS-74LVC3G34 Datasheet
79Kb / 14P
   Triple buffer gate
Rev. 03-31 January 2005
logo
Unisonic Technologies
U74AHC3G34 UTC-U74AHC3G34 Datasheet
166Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HCT3G34-Q100 NEXPERIA-74HCT3G34-Q100 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 2 - 11 June 2018
74HCT3G34 NEXPERIA-74HCT3G34 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 7 - 11 June 2018
logo
NXP Semiconductors
74HC3G34 PHILIPS-74HC3G34 Datasheet
81Kb / 16P
   Triple Buffer Gate
2003 May 19
logo
Texas Instruments
SN74LVC3G34 TI1-SN74LVC3G34_15 Datasheet
903Kb / 21P
[Old version datasheet]   Triple Buffer Gate
SN74LVC3G34 TI-SN74LVC3G34_07 Datasheet
533Kb / 13P
[Old version datasheet]   TRIPLE BUFFER GATE
logo
Unisonic Technologies
U74HCT3G34 UTC-U74HCT3G34 Datasheet
165Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HC3G34-Q100 NEXPERIA-74HC3G34-Q100 Datasheet
197Kb / 13P
   Triple buffer gate
74HC3G16 NEXPERIA-74HC3G16 Datasheet
184Kb / 9P
   Triple buffer gate
Rev. 3 - 17 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com