Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT11 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74HCT11
Szczegółowy opis  Triple 3-input AND gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT11 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74HCT11 Datasheet HTML 1Page - NXP Semiconductors 74HCT11 Datasheet HTML 2Page - NXP Semiconductors 74HCT11 Datasheet HTML 3Page - NXP Semiconductors 74HCT11 Datasheet HTML 4Page - NXP Semiconductors 74HCT11 Datasheet HTML 5Page - NXP Semiconductors 74HCT11 Datasheet HTML 6Page - NXP Semiconductors 74HCT11 Datasheet HTML 7Page - NXP Semiconductors 74HCT11 Datasheet HTML 8Page - NXP Semiconductors 74HCT11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
74HC_HCT11_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 25 March 2010
4 of 15
NXP Semiconductors
74HC11; 74HCT11
Triple 3-input AND gate
8.
Recommended operating conditions
9.
Static characteristics
Table 5.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V)
Symbol Parameter
Conditions
74HC11
74HCT11
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0
-
VCC
V
VO
output voltage
0
-
VCC
0
-
VCC
V
Tamb
ambient temperature
−40
-
+125
−40
-
+125
°C
Δt/ΔV
input transition rise and fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
-
-
-
ns/V
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC11
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
1.2
-
1.5
-
1.5
-
V
VCC = 4.5 V
3.15
2.4
-
3.15
-
3.15
-
V
VCC = 6.0 V
4.2
3.2
-
4.2
-
4.2
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
0.8
0.5
-
0.5
-
0.5
V
VCC = 4.5 V
-
2.1
1.35
-
1.35
-
1.35
V
VCC = 6.0 V
-
2.8
1.8
-
1.8
-
1.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL
IO = −20 μA; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = −20 μA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = −20 μA; VCC = 6.0 V
5.9
6.0
-
5.9
-
5.9
-
V
IO = −4.0 mA; VCC = 4.5 V
3.98
4.32
-
3.84
-
3.7
-
V
IO = −5.2 mA; VCC = 6.0 V
5.48
5.81
-
5.34
-
5.2
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL
IO = 20 μA; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 20 μA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 20 μA; VCC = 6.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.26
-
0.33
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND;
VCC = 6.0 V
-
-
±0.1
-
±1
-
±1
μA
ICC
supply current
VI = VCC or GND; IO = 0 A;
VCC = 6.0 V
-
-
2.0
-
20
-
40
μA


Podobny numer części - 74HCT11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT11 PHILIPS-74HCT11 Datasheet
33Kb / 5P
   Triple 3-input AND gate
December 1990
logo
Nexperia B.V. All right...
74HCT11 NEXPERIA-74HCT11 Datasheet
229Kb / 11P
   Triple 3-input AND gate
Rev. 8 - 11 August 2021
74HCT11-Q100 NEXPERIA-74HCT11-Q100 Datasheet
228Kb / 11P
   Triple 3-input AND gate
Rev. 4 - 11 August 2021
logo
NXP Semiconductors
74HCT112 PHILIPS-74HCT112 Datasheet
106Kb / 15P
   Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
logo
Nexperia B.V. All right...
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
More results

Podobny opis - 74HCT11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS11A FAIRCHILD-DM74ALS11A Datasheet
46Kb / 4P
   Triple 3-Input AND Gate
logo
Hitachi Semiconductor
HD14073B HITACHI-HD14073B Datasheet
49Kb / 4P
   Triple 3-input AND Gate
logo
Motorola, Inc
SN54LS15 MOTOROLA-SN54LS15 Datasheet
123Kb / 4P
   TRIPLE 3-INPUT AND GATE
logo
NXP Semiconductors
74ALS11A PHILIPS-74ALS11A Datasheet
77Kb / 7P
   Triple 3-Input AND gate
1991 Feb 08
logo
STMicroelectronics
M74HC11 STMICROELECTRONICS-M74HC11 Datasheet
177Kb / 8P
   TRIPLE 3-INPUT AND GATE
logo
Toshiba Semiconductor
TC74VHC11F TOSHIBA-TC74VHC11F_07 Datasheet
210Kb / 8P
   Triple 3-Input AND Gate
TC74VHC11F TOSHIBA-TC74VHC11F_12 Datasheet
193Kb / 7P
   Triple 3-Input AND Gate
logo
Texas Instruments
54F11 TI1-54F11 Datasheet
347Kb / 10P
[Old version datasheet]   Triple 3-Input AND Gate
logo
Nexperia B.V. All right...
74HCT11-Q100 NEXPERIA-74HCT11-Q100 Datasheet
228Kb / 11P
   Triple 3-input AND gate
Rev. 4 - 11 August 2021
logo
National Semiconductor ...
54F11DM NSC-54F11DM Datasheet
96Kb / 8P
   Triple 3-Input AND Gate
logo
NXP Semiconductors
74HC11 PHILIPS-74HC11 Datasheet
33Kb / 5P
   Triple 3-input AND gate
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com