Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT11 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74HCT11
Szczegółowy opis  Triple 3-input AND gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT11 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT11 Datasheet HTML 7Page - NXP Semiconductors 74HCT11 Datasheet HTML 8Page - NXP Semiconductors 74HCT11 Datasheet HTML 9Page - NXP Semiconductors 74HCT11 Datasheet HTML 10Page - NXP Semiconductors 74HCT11 Datasheet HTML 11Page - NXP Semiconductors 74HCT11 Datasheet HTML 12Page - NXP Semiconductors 74HCT11 Datasheet HTML 13Page - NXP Semiconductors 74HCT11 Datasheet HTML 14Page - NXP Semiconductors 74HCT11 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
74HC_HCT11_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 25 March 2010
11 of 15
NXP Semiconductors
74HC11; 74HCT11
Triple 3-input AND gate
Fig 11. Package outline SOT402-1 (TSSOP14)
UNIT
A1
A2
A3
bp
cD (1)
E (2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.95
0.80
0.30
0.19
0.2
0.1
5.1
4.9
4.5
4.3
0.65
6.6
6.2
0.4
0.3
0.72
0.38
8
0
o
o
0.13
0.1
0.2
1
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
0.75
0.50
SOT402-1
MO-153
99-12-27
03-02-18
w M
b p
D
Z
e
0.25
17
14
8
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
HE
E
c
v M A
X
A
y
0
2.5
5 mm
scale
TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1
A
max.
1.1
pin 1 index


Podobny numer części - 74HCT11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT11 PHILIPS-74HCT11 Datasheet
33Kb / 5P
   Triple 3-input AND gate
December 1990
logo
Nexperia B.V. All right...
74HCT11 NEXPERIA-74HCT11 Datasheet
229Kb / 11P
   Triple 3-input AND gate
Rev. 8 - 11 August 2021
74HCT11-Q100 NEXPERIA-74HCT11-Q100 Datasheet
228Kb / 11P
   Triple 3-input AND gate
Rev. 4 - 11 August 2021
logo
NXP Semiconductors
74HCT112 PHILIPS-74HCT112 Datasheet
106Kb / 15P
   Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
logo
Nexperia B.V. All right...
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
More results

Podobny opis - 74HCT11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS11A FAIRCHILD-DM74ALS11A Datasheet
46Kb / 4P
   Triple 3-Input AND Gate
logo
Hitachi Semiconductor
HD14073B HITACHI-HD14073B Datasheet
49Kb / 4P
   Triple 3-input AND Gate
logo
Motorola, Inc
SN54LS15 MOTOROLA-SN54LS15 Datasheet
123Kb / 4P
   TRIPLE 3-INPUT AND GATE
logo
NXP Semiconductors
74ALS11A PHILIPS-74ALS11A Datasheet
77Kb / 7P
   Triple 3-Input AND gate
1991 Feb 08
logo
STMicroelectronics
M74HC11 STMICROELECTRONICS-M74HC11 Datasheet
177Kb / 8P
   TRIPLE 3-INPUT AND GATE
logo
Toshiba Semiconductor
TC74VHC11F TOSHIBA-TC74VHC11F_07 Datasheet
210Kb / 8P
   Triple 3-Input AND Gate
TC74VHC11F TOSHIBA-TC74VHC11F_12 Datasheet
193Kb / 7P
   Triple 3-Input AND Gate
logo
Texas Instruments
54F11 TI1-54F11 Datasheet
347Kb / 10P
[Old version datasheet]   Triple 3-Input AND Gate
logo
Nexperia B.V. All right...
74HCT11-Q100 NEXPERIA-74HCT11-Q100 Datasheet
228Kb / 11P
   Triple 3-input AND gate
Rev. 4 - 11 August 2021
logo
National Semiconductor ...
54F11DM NSC-54F11DM Datasheet
96Kb / 8P
   Triple 3-Input AND Gate
logo
NXP Semiconductors
74HC11 PHILIPS-74HC11 Datasheet
33Kb / 5P
   Triple 3-input AND gate
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com