Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT11N Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74HCT11N
Szczegółowy opis  Triple 3-input AND gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT11N Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74HCT11N Datasheet HTML 1Page - NXP Semiconductors 74HCT11N Datasheet HTML 2Page - NXP Semiconductors 74HCT11N Datasheet HTML 3Page - NXP Semiconductors 74HCT11N Datasheet HTML 4Page - NXP Semiconductors 74HCT11N Datasheet HTML 5Page - NXP Semiconductors 74HCT11N Datasheet HTML 6Page - NXP Semiconductors 74HCT11N Datasheet HTML 7Page - NXP Semiconductors 74HCT11N Datasheet HTML 8Page - NXP Semiconductors 74HCT11N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
74HC_HCT11_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 25 March 2010
5 of 15
NXP Semiconductors
74HC11; 74HCT11
Triple 3-input AND gate
10. Dynamic characteristics
CI
input
capacitance
-
3.5
-
-
-
-
-
pF
74HCT11
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = −20 μA
4.4
4.5
-
4.4
-
4.4
-
V
IO = −4.0 mA
3.98
4.32
-
3.84
-
3.7
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 20 μA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
II
input leakage
current
VI = VCC or GND;
VCC = 5.5 V
-
-
±0.1
-
±1
-
±1
μA
ICC
supply current
VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
2.0
-
20
-
40
μA
ΔI
CC
additional
supply current
per input pin;
VI = VCC − 2.1 V; IO = 0 A;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V
-
100
360
-
450
-
490
μA
CI
input
capacitance
-
3.5
-
-
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
Table 7.
Dynamic characteristics
GND = 0 V; CL = 50 pF; for load circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C Unit
Min
Typ
Max
Max
(85
°C)
Max
(125
°C)
74HC11
tpd
propagation delay
nA, nB to nY; see Figure 6
[1]
VCC = 2.0 V
-
32
100
125
150
ns
VCC = 4.5 V
-
12
20
25
30
ns
VCC = 5.0 V; CL = 15 pF
-
9
-
-
-
ns
VCC = 6.0 V
-
10
17
21
26
ns
tt
transition time
see Figure 6
[2]
VCC = 2.0 V
-
19
75
95
110
ns
VCC = 4.5 V
-
7
15
19
22
ns
VCC = 6.0 V
-
6
13
16
19
ns
CPD
power dissipation
capacitance
per package; VI = GND to VCC
[3]
-
18
-
-
-
pF


Podobny numer części - 74HCT11N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT11N PHILIPS-74HCT11N Datasheet
33Kb / 5P
   Triple 3-input AND gate
December 1990
More results

Podobny opis - 74HCT11N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS11A FAIRCHILD-DM74ALS11A Datasheet
46Kb / 4P
   Triple 3-Input AND Gate
logo
Hitachi Semiconductor
HD14073B HITACHI-HD14073B Datasheet
49Kb / 4P
   Triple 3-input AND Gate
logo
Motorola, Inc
SN54LS15 MOTOROLA-SN54LS15 Datasheet
123Kb / 4P
   TRIPLE 3-INPUT AND GATE
logo
NXP Semiconductors
74ALS11A PHILIPS-74ALS11A Datasheet
77Kb / 7P
   Triple 3-Input AND gate
1991 Feb 08
logo
STMicroelectronics
M74HC11 STMICROELECTRONICS-M74HC11 Datasheet
177Kb / 8P
   TRIPLE 3-INPUT AND GATE
logo
Toshiba Semiconductor
TC74VHC11F TOSHIBA-TC74VHC11F_07 Datasheet
210Kb / 8P
   Triple 3-Input AND Gate
TC74VHC11F TOSHIBA-TC74VHC11F_12 Datasheet
193Kb / 7P
   Triple 3-Input AND Gate
logo
Texas Instruments
54F11 TI1-54F11 Datasheet
347Kb / 10P
[Old version datasheet]   Triple 3-Input AND Gate
logo
Nexperia B.V. All right...
74HCT11-Q100 NEXPERIA-74HCT11-Q100 Datasheet
228Kb / 11P
   Triple 3-input AND gate
Rev. 4 - 11 August 2021
logo
National Semiconductor ...
54F11DM NSC-54F11DM Datasheet
96Kb / 8P
   Triple 3-Input AND Gate
logo
NXP Semiconductors
74HC11 PHILIPS-74HC11 Datasheet
33Kb / 5P
   Triple 3-input AND gate
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com