Zakładka z wyszukiwarką danych komponentów |
|
74HCT11D Arkusz danych(PDF) 4 Page - NXP Semiconductors |
|
74HCT11D Arkusz danych(HTML) 4 Page - NXP Semiconductors |
4 / 15 page 74HC_HCT11_4 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 04 — 25 March 2010 4 of 15 NXP Semiconductors 74HC11; 74HCT11 Triple 3-input AND gate 8. Recommended operating conditions 9. Static characteristics Table 5. Recommended operating conditions Voltages are referenced to GND (ground = 0 V) Symbol Parameter Conditions 74HC11 74HCT11 Unit Min Typ Max Min Typ Max VCC supply voltage 2.0 5.0 6.0 4.5 5.0 5.5 V VI input voltage 0 - VCC 0 - VCC V VO output voltage 0 - VCC 0 - VCC V Tamb ambient temperature −40 - +125 −40 - +125 °C Δt/ΔV input transition rise and fall rate VCC = 2.0 V - - 625 - - - ns/V VCC = 4.5 V - 1.67 139 - 1.67 139 ns/V VCC = 6.0 V - - 83 - - - ns/V Table 6. Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions 25 °C −40 °C to +85 °C −40 °C to +125 °C Unit Min Typ Max Min Max Min Max 74HC11 VIH HIGH-level input voltage VCC = 2.0 V 1.5 1.2 - 1.5 - 1.5 - V VCC = 4.5 V 3.15 2.4 - 3.15 - 3.15 - V VCC = 6.0 V 4.2 3.2 - 4.2 - 4.2 - V VIL LOW-level input voltage VCC = 2.0 V - 0.8 0.5 - 0.5 - 0.5 V VCC = 4.5 V - 2.1 1.35 - 1.35 - 1.35 V VCC = 6.0 V - 2.8 1.8 - 1.8 - 1.8 V VOH HIGH-level output voltage VI = VIH or VIL IO = −20 μA; VCC = 2.0 V 1.9 2.0 - 1.9 - 1.9 - V IO = −20 μA; VCC = 4.5 V 4.4 4.5 - 4.4 - 4.4 - V IO = −20 μA; VCC = 6.0 V 5.9 6.0 - 5.9 - 5.9 - V IO = −4.0 mA; VCC = 4.5 V 3.98 4.32 - 3.84 - 3.7 - V IO = −5.2 mA; VCC = 6.0 V 5.48 5.81 - 5.34 - 5.2 - V VOL LOW-level output voltage VI = VIH or VIL IO = 20 μA; VCC = 2.0 V - 0 0.1 - 0.1 - 0.1 V IO = 20 μA; VCC = 4.5 V - 0 0.1 - 0.1 - 0.1 V IO = 20 μA; VCC = 6.0 V - 0 0.1 - 0.1 - 0.1 V IO = 4.0 mA; VCC = 4.5 V - 0.15 0.26 - 0.33 - 0.4 V IO = 5.2 mA; VCC = 6.0 V - 0.16 0.26 - 0.33 - 0.4 V II input leakage current VI = VCC or GND; VCC = 6.0 V - - ±0.1 - ±1 - ±1 μA ICC supply current VI = VCC or GND; IO = 0 A; VCC = 6.0 V - - 2.0 - 20 - 40 μA |
Podobny numer części - 74HCT11D |
|
Podobny opis - 74HCT11D |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |