Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC27DB Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74HC27DB
Szczegółowy opis  Triple 3-input NOR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC27DB Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74HC27DB Datasheet HTML 1Page - NXP Semiconductors 74HC27DB Datasheet HTML 2Page - NXP Semiconductors 74HC27DB Datasheet HTML 3Page - NXP Semiconductors 74HC27DB Datasheet HTML 4Page - NXP Semiconductors 74HC27DB Datasheet HTML 5Page - NXP Semiconductors 74HC27DB Datasheet HTML 6Page - NXP Semiconductors 74HC27DB Datasheet HTML 7Page - NXP Semiconductors 74HC27DB Datasheet HTML 8Page - NXP Semiconductors 74HC27DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
74HC_HCT27_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 7 January 2008
3 of 16
NXP Semiconductors
74HC27; 74HCT27
Triple 3-input NOR gate
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
supply pin or input
Fig 4.
Pin configuration DIP14, SO14, (T)SSOP14
Fig 5.
Pin configuration DHVQFN14
74HC27
74HCT27
1A
VCC
1B
1C
2A
1Y
2B
3C
2C
3B
2Y
3A
GND
3Y
001aag759
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aag760
74HC27
74HCT27
Transparent top view
2Y
3A
2C
3B
2B
3C
2A
1Y
1B
1C
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
1A
1
data input
1B
2
data input
2A
3
data input
2B
4
data input
2C
5
data input
2Y
6
data output
GND
7
ground (0 V)
3Y
8
data output
3A
9
data input
3B
10
data input
3C
11
data input
1Y
12
data output
1C
13
data input
VCC
14
supply voltage


Podobny numer części - 74HC27DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC27D PHILIPS-74HC27D Datasheet
32Kb / 5P
   Triple 3-input NOR gate
December 1990
logo
Nexperia B.V. All right...
74HC27D NEXPERIA-74HC27D Datasheet
241Kb / 12P
   Triple 3-input NOR gate
Rev. 6 - 10 September 2020
74HC27D-Q100 NEXPERIA-74HC27D-Q100 Datasheet
703Kb / 15P
   Triple 3-input NOR gate
74HC27D-Q100 NEXPERIA-74HC27D-Q100 Datasheet
241Kb / 12P
   Triple 3-input NOR gate
Rev. 2 - 10 September 2020
More results

Podobny opis - 74HC27DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
   Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
   Triple 3-Input NOR Gate
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
   Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
   Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
   Triple 3-Input NOR Gate
2019-01-31
logo
Fairchild Semiconductor
DM74ALS27 FAIRCHILD-DM74ALS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
   TRIPLE 3-INPUT NOR GATE
logo
Motorola, Inc
SN54LS27 MOTOROLA-SN54LS27 Datasheet
122Kb / 4P
   TRIPLE 3-INPUT NOR GATE
logo
STMicroelectronics
M54HCT27 STMICROELECTRONICS-M54HCT27 Datasheet
232Kb / 9P
   TRIPLE 3-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com