Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT154D Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74HCT154D
Szczegółowy opis  4-to-16 line decoder/demultiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT154D Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74HCT154D Datasheet HTML 1Page - NXP Semiconductors 74HCT154D Datasheet HTML 2Page - NXP Semiconductors 74HCT154D Datasheet HTML 3Page - NXP Semiconductors 74HCT154D Datasheet HTML 4Page - NXP Semiconductors 74HCT154D Datasheet HTML 5Page - NXP Semiconductors 74HCT154D Datasheet HTML 6Page - NXP Semiconductors 74HCT154D Datasheet HTML 7Page - NXP Semiconductors 74HCT154D Datasheet HTML 8Page - NXP Semiconductors 74HCT154D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
74HC_HCT154_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 12 February 2007
4 of 21
NXP Semiconductors
74HC154; 74HCT154
4-to-16 line decoder/demultiplexer
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It cannot be used as
a supply pin or input.
Fig 5.
Pin configuration for SO24, DIP24, SSOP24 and
TSSOP24
Fig 6.
Pin configuration for DHVQFN24
74HC154D
74HCT154D
74HC154DB
74HCT154DB
74HC154N
74HCT154N
74HC154PW
74HCT154PW
Y0
VCC
Y1
A0
Y2
A1
Y3
A2
Y4
A3
Y5
E1
Y6
E0
Y7
Y15
Y8
Y14
Y9
Y13
Y10
Y12
GND
Y11
001aab067
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
001aab068
74HC154BQ
74HCT154BQ
Y12
Y9
Y10
Y13
Y8
Y14
Y7
Y15
Y6
E0
Y5
E1
Y4
A3
Y3
A2
Y2
A1
Y1
A0
11
14
10
15
9
16
817
7
18
6
VCC(1)
19
5
20
4
21
3
22
2
23
terminal 1
index area
Transparent top view
Table 2.
Pin description
Symbol
Pin
Description
Y0
1
data output (active LOW)
Y1
2
data output (active LOW)
Y2
3
data output (active LOW)
Y3
4
data output (active LOW)
Y4
5
data output (active LOW)
Y5
6
data output (active LOW)
Y6
7
data output (active LOW)
Y7
8
data output (active LOW)
Y8
9
data output (active LOW)
Y9
10
data output (active LOW)
Y10
11
data output (active LOW)
GND
12
ground (0 V)
Y11
13
data output (active LOW)
Y12
14
data output (active LOW)


Podobny numer części - 74HCT154D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT154D PHILIPS-74HCT154D Datasheet
144Kb / 22P
   4-to-16 line decoder/demultiplexer
2004 Oct 12
logo
Nexperia B.V. All right...
74HCT154D NEXPERIA-74HCT154D Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
logo
NXP Semiconductors
74HCT154DB PHILIPS-74HCT154DB Datasheet
144Kb / 22P
   4-to-16 line decoder/demultiplexer
2004 Oct 12
More results

Podobny opis - 74HCT154D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74LS154 FAIRCHILD-DM74LS154 Datasheet
52Kb / 5P
   4-Line to 16-Line Decoder/Demultiplexer
MM74C154 FAIRCHILD-MM74C154 Datasheet
51Kb / 6P
   4-Line to 16-Line Decoder/Demultiplexer
logo
STMicroelectronics
M74HC154 STMICROELECTRONICS-M74HC154 Datasheet
170Kb / 8P
   4 TO 16 LINE DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT154 PHILIPS-74HCT154 Datasheet
144Kb / 22P
   4-to-16 line decoder/demultiplexer
2004 Oct 12
logo
National Semiconductor ...
MM54C154 NSC-MM54C154 Datasheet
101Kb / 4P
   4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
   4-to-16 line decoder/demultiplexer
September 1993
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74LV154 PHILIPS-74LV154 Datasheet
131Kb / 12P
   4-to-16 line decoder/demultiplexer
1998 Apr 28
logo
Nexperia B.V. All right...
74HCT154 NEXPERIA-74HCT154 Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
logo
Hitachi Semiconductor
HD74HC154 HITACHI-HD74HC154 Datasheet
34Kb / 7P
   4-to-16-line Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com