Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT154D Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74HCT154D
Szczegółowy opis  4-to-16 line decoder/demultiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT154D Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74HCT154D Datasheet HTML 1Page - NXP Semiconductors 74HCT154D Datasheet HTML 2Page - NXP Semiconductors 74HCT154D Datasheet HTML 3Page - NXP Semiconductors 74HCT154D Datasheet HTML 4Page - NXP Semiconductors 74HCT154D Datasheet HTML 5Page - NXP Semiconductors 74HCT154D Datasheet HTML 6Page - NXP Semiconductors 74HCT154D Datasheet HTML 7Page - NXP Semiconductors 74HCT154D Datasheet HTML 8Page - NXP Semiconductors 74HCT154D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The 74HC154; 74HCT154 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL (LSTTL).
The 74HC154; 74HCT154 decoders accept four active HIGH binary address inputs and
provide 16 mutually-exclusive active LOW outputs. The two-input enable gate can be used
to strobe the decoder to eliminate the normal decoding ‘glitches’ on the outputs, or can be
used for the expansion of the decoder.
The enable gate has two ANDed inputs which must be LOW to enable the outputs.
The 74HC154; 74HCT154 can be used as a 1-to-16 demultiplexer by using one of the
enable inputs as the multiplexed data input.
When the other enable input is LOW, the addressed output will follow the state of the
applied data.
2.
Features
I 16-line demultiplexing capability
I Decodes 4 binary-coded inputs into 16 mutually-exclusive outputs
I Complies with JEDEC standard no. 7A
I Specified from −40 °C to +85 °C and −40 °C to +125 °C
I ESD protection:
N HBM EIA/JESD22-A114D exceeds 2000 V
N MM EIA/JESD22-A115-A exceeds 200 V
3.
Ordering information
74HC154; 74HCT154
4-to-16 line decoder/demultiplexer
Rev. 06 — 12 February 2007
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74HC154
74HC154N
−40 °C to +125 °C
DIP24
plastic dual in-line package; 24 leads (600 mil)
SOT101-1
74HC154D
−40 °C to +125 °C
SO24
plastic small outline package; 24 leads; body width
7.5 mm
SOT137-1
74HC154DB
−40 °C to +125 °C
SSOP24
plastic shrink small outline package; 24 leads; body width
5.3 mm
SOT340-1
74HC154PW
−40 °C to +125 °C
TSSOP24
plastic thin shrink small outline package; 24 leads; body
width 4.4 mm
SOT355-1


Podobny numer części - 74HCT154D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT154D PHILIPS-74HCT154D Datasheet
144Kb / 22P
   4-to-16 line decoder/demultiplexer
2004 Oct 12
logo
Nexperia B.V. All right...
74HCT154D NEXPERIA-74HCT154D Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
logo
NXP Semiconductors
74HCT154DB PHILIPS-74HCT154DB Datasheet
144Kb / 22P
   4-to-16 line decoder/demultiplexer
2004 Oct 12
More results

Podobny opis - 74HCT154D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74LS154 FAIRCHILD-DM74LS154 Datasheet
52Kb / 5P
   4-Line to 16-Line Decoder/Demultiplexer
MM74C154 FAIRCHILD-MM74C154 Datasheet
51Kb / 6P
   4-Line to 16-Line Decoder/Demultiplexer
logo
STMicroelectronics
M74HC154 STMICROELECTRONICS-M74HC154 Datasheet
170Kb / 8P
   4 TO 16 LINE DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT154 PHILIPS-74HCT154 Datasheet
144Kb / 22P
   4-to-16 line decoder/demultiplexer
2004 Oct 12
logo
National Semiconductor ...
MM54C154 NSC-MM54C154 Datasheet
101Kb / 4P
   4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
   4-to-16 line decoder/demultiplexer
September 1993
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74LV154 PHILIPS-74LV154 Datasheet
131Kb / 12P
   4-to-16 line decoder/demultiplexer
1998 Apr 28
logo
Nexperia B.V. All right...
74HCT154 NEXPERIA-74HCT154 Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
logo
Hitachi Semiconductor
HD74HC154 HITACHI-HD74HC154 Datasheet
34Kb / 7P
   4-to-16-line Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com