Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT154DB Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74HCT154DB
Szczegółowy opis  4-to-16 line decoder/demultiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT154DB Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT154DB Datasheet HTML 6Page - NXP Semiconductors 74HCT154DB Datasheet HTML 7Page - NXP Semiconductors 74HCT154DB Datasheet HTML 8Page - NXP Semiconductors 74HCT154DB Datasheet HTML 9Page - NXP Semiconductors 74HCT154DB Datasheet HTML 10Page - NXP Semiconductors 74HCT154DB Datasheet HTML 11Page - NXP Semiconductors 74HCT154DB Datasheet HTML 12Page - NXP Semiconductors 74HCT154DB Datasheet HTML 13Page - NXP Semiconductors 74HCT154DB Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
74HC_HCT154_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 12 February 2007
10 of 21
NXP Semiconductors
74HC154; 74HCT154
4-to-16 line decoder/demultiplexer
10. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL
[2]
tt is the same as tTLH and tTHL
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of load switching outputs;
Σ(CL × VCC2 × fo) = sum of the outputs.
Table 8.
Dynamic characteristics
GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit, see Figure 9.
Symbol
Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
(85
°C)
Max
(125
°C)
74HC154
tpd
propagation delay
An to Yn; see Figure 7
[1]
VCC = 2.0 V
-
36
150
-
190
225
ns
VCC = 4.5 V
-
13
30
-
38
45
ns
VCC = 5 V; CL = 15 pF
-
11
-
-
-
-
ns
VCC = 6.0 V
-
10
26
-
33
38
ns
En to Yn; see Figure 8
VCC = 2.0 V
-
39
150
-
190
225
ns
VCC = 4.5 V
-
14
30
-
38
45
ns
VCC = 5 V; CL = 15 pF
-
11
-
-
-
-
ns
VCC = 6.0 V
-
11
26
-
33
38
ns
tt
transition time
see Figure 7 and 8
[2]
VCC = 2.0 V
-
19
75
-
95
110
ns
VCC = 4.5 V
-
7
15
-
19
22
ns
VCC = 6.0 V
-
6
13
-
16
19
ns
CPD
power dissipation
capacitance
per gate; VI = GND to
VCC
[3] -
60
-
-
--pF
74HCT154
tpd
propagation delay
An to Yn; see Figure 7
[1]
VCC = 4.5 V
-
16
35
-
44
53
ns
VCC = 5 V; CL = 15 pF
-
13
-
-
-
-
ns
En to Yn; see Figure 8
VCC = 4.5 V
-
15
32
-
40
48
ns
VCC = 5 V; CL = 15 pF
-
13
-
-
-
-
ns
tt
transition time
see Figure 7 and 8
[2]
VCC = 4.5 V
-
7
15
-
19
22
ns
CPD
power dissipation
capacitance
per gate; VI = GND to
(VCC − 1.5 V)
[3] -
60
-
-
--pF


Podobny numer części - 74HCT154DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT154DB PHILIPS-74HCT154DB Datasheet
144Kb / 22P
   4-to-16 line decoder/demultiplexer
2004 Oct 12
More results

Podobny opis - 74HCT154DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74LS154 FAIRCHILD-DM74LS154 Datasheet
52Kb / 5P
   4-Line to 16-Line Decoder/Demultiplexer
MM74C154 FAIRCHILD-MM74C154 Datasheet
51Kb / 6P
   4-Line to 16-Line Decoder/Demultiplexer
logo
STMicroelectronics
M74HC154 STMICROELECTRONICS-M74HC154 Datasheet
170Kb / 8P
   4 TO 16 LINE DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT154 PHILIPS-74HCT154 Datasheet
144Kb / 22P
   4-to-16 line decoder/demultiplexer
2004 Oct 12
logo
National Semiconductor ...
MM54C154 NSC-MM54C154 Datasheet
101Kb / 4P
   4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
   4-to-16 line decoder/demultiplexer
September 1993
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74LV154 PHILIPS-74LV154 Datasheet
131Kb / 12P
   4-to-16 line decoder/demultiplexer
1998 Apr 28
logo
Nexperia B.V. All right...
74HCT154 NEXPERIA-74HCT154 Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
logo
Hitachi Semiconductor
HD74HC154 HITACHI-HD74HC154 Datasheet
34Kb / 7P
   4-to-16-line Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com