Zakładka z wyszukiwarką danych komponentów |
|
74HCT164N Arkusz danych(PDF) 4 Page - NXP Semiconductors |
|
74HCT164N Arkusz danych(HTML) 4 Page - NXP Semiconductors |
4 / 20 page 74HC_HCT164_4 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 04 — 2 February 2010 4 of 20 NXP Semiconductors 74HC164; 74HCT164 8-bit serial-in, parallel-out shift register 5.2 Pin description 6. Functional description [1] H = HIGH voltage level h = HIGH voltage level one set-up time prior to the LOW-to-HIGH clock transition L = LOW voltage level I = LOW voltage level one set-up time prior to the LOW-to-HIGH clock transition q = lower case letters indicate the state of the referenced input one set-up time prior to the LOW-to-HIGH clock transition ↑ = LOW-to-HIGH clock transition 7. Limiting values Table 2. Pin description Symbol Pin Description DSA 1 data input DSB 2 data input Q0 to Q7 3, 4, 5, 6, 10, 11, 12, 13 output GND 7 ground (0 V) CP 8 clock input (LOW-to-HIGH, edge-triggered) MR 9 master reset input (active LOW) VCC 14 positive supply voltage Table 3. Function table[1] Operating modes Input Output MR CP DSA DSB Q0 Q1 to Q7 Reset (clear) L X X X L L to L Shift H ↑ l l L q0 to q6 H ↑ l h L q0 to q6 H ↑ h l L q0 to q6 H ↑ h h H q0 to q6 Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC supply voltage −0.5 +7 V IIK input clamping current VI < −0.5 V or VI > VCC + 0.5 V [1] - ±20 mA IOK output clamping current VO < −0.5 V or VO > VCC + 0.5 V [1] - ±20 mA IO output current −0.5 V < V O < VCC + 0.5 V - ±25 mA ICC supply current - 50 mA IGND ground current −50 - mA Tstg storage temperature −65 +150 °C |
Podobny numer części - 74HCT164N |
|
Podobny opis - 74HCT164N |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |